Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1376JD Datasheet(PDF) 5 Page - Analog Devices

Part # AD1376JD
Description  Complete, High Speed 16-Bit A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1376JD Datasheet(HTML) 5 Page - Analog Devices

  AD1376JD Datasheet HTML 1Page - Analog Devices AD1376JD Datasheet HTML 2Page - Analog Devices AD1376JD Datasheet HTML 3Page - Analog Devices AD1376JD Datasheet HTML 4Page - Analog Devices AD1376JD Datasheet HTML 5Page - Analog Devices AD1376JD Datasheet HTML 6Page - Analog Devices AD1376JD Datasheet HTML 7Page - Analog Devices AD1376JD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD1376/AD1377
–5–
REV. B
Serial data coding is complementary binary for unipolar input
ranges and complementary offset binary for bipolar input
ranges. Serial output is by bit (1M4SB first, LSB last) in NRZ
(nonreturn-to-zero) format. Serial and parallel data outputs
change state on positive-going clock edges. Serial data is guaran-
teed valid 120 ns after the rising clock edges, permitting serial
data to he clocked directly into a receiving register on the
negative-going clock edges as shown in Figure 9. There are 17
negative-going clock edges in the complete 16-bit conversion
cycle. The first negative edge shifts an invalid bit into the regis-
ter, which is shifted out on the last negative-going clock edge.
All serial data bits will have been correctly transferred and be in
the receiving shift register locations shown at the completion of
the conversion period.
Figure 9. Clock High to Serial Out Valid
Short Cycle Input
A Short Cycle Input, Pin 32, permits the timing cycle shown in
Figure 7 to be terminated after any number of desired bits has
been converted, permitting somewhat shorter conversion times
in applications not requiring full 16-bit resolution. When 10-bit
resolution is desired, Pin 32 is connected to Bit 11 output
Pin 11. The conversion cycle then terminates and the STATUS
flag resets after the Bit 10 decision (timing diagram of Figure 7).
Short cycle connections and associated 8-, 10-, 12-, 13-, 14-
and 15-bit conversion times are summarized in Table I, for a
1.6 MHz clock (AD1377) or 933 kHz (AD1376).
INPUT SCALING
The ADC (ADC) inputs should he scaled as close to the maxi-
mum input signal range as possible in order to utilize the maxi-
mum signal resolution of the A/D converter. Connect the input
signal as shown in Table II. See Figure 10 for circuit details.
Table II. Input Scaling Connections
Input
Connect
Connect
Connect
Signal
Output
Pin 26
Pin 24
Input
Line
Code
to Pin
to
Signal to
±10 V
COB
27
Input
24
Signal
±5 V
COB
27
Open
25
±2.5 V
COB
27
Pin 27
25
0 V to +5 V
CSB
22
Pin 27
25
0 V to +10 V
CSB
22
Open
25
0 V to +20 V
CSB
22
Input
24
Signal
Note
Pin 27 is extremely sensitive to noise and should be guarded by Analog Common.
Figure 10. Input Scaling Circuit
Table I. Short Cycle Connections
Maximum
Maximum
Conversion
Conversion
Connect Short
Resolution
Time– s
Time– s
Status Flag
Cycle Pin 32 to
Bits
(% FSR)
(AD1377)
(AD1378)
Reset
Pin:
16
0.0015
10
17.1
t16
NC (Open)
15
0.003
9.4
16.1
t15
16
14
0.006
8.7
15.0
t14
15
13
0.012
8.1
13.9
t13
14
12
0.024
7.5
12.9
t12
13
10
0.100
6.3
10.7
t10
11
8
0.390
5.0
8.6
t8
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com