Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1377JD Datasheet(PDF) 2 Page - Analog Devices

Part # AD1377JD
Description  Complete, High Speed 16-Bit A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1377JD Datasheet(HTML) 2 Page - Analog Devices

  AD1377JD Datasheet HTML 1Page - Analog Devices AD1377JD Datasheet HTML 2Page - Analog Devices AD1377JD Datasheet HTML 3Page - Analog Devices AD1377JD Datasheet HTML 4Page - Analog Devices AD1377JD Datasheet HTML 5Page - Analog Devices AD1377JD Datasheet HTML 6Page - Analog Devices AD1377JD Datasheet HTML 7Page - Analog Devices AD1377JD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. B
AD1376/AD1377–SPECIFICATIONS
Model
AD1376JD/AD1377JD
AD1376KD/AD1377KD
Units
RESOLUTION
16 (max)
16 (max)
Bits
ANALOG INPUTS
Voltage Ranges
Bipolar
±2.5, ±5, ±10
±2.5, ±5, ±10
Volts
Unipolar
0 to +5, 0 to +10, 0 to +20
0 to +5, 0 to +10, 0 to +20
Volts
Impedance (Direct Input)
0 V to +5 V,
±2.5 V
1.88
1.88
k
Ω
0 V to +10 V,
±5.0 V
3.75
3.75
k
Ω
0 V to +20 V,
±10 V
7.50
7.50
k
Ω
DIGITAL INPUTS
1
Convert command
Positive Pulse 50 ns Wide (min) Trailing Edge Initiates Conversion
Logic Loading
1
1
LS TTL Load
TRANSFER CHARACTERISTICS
2
ACCURACY
Gain Error
±0.053 (±0.2 max)
±0.053 (±0.2 max)
%
Offset Error
Unipolar
±0.053 (±0.1 max)
±0.053 (±0.1 max)
% of FSR
4
Bipolar
±0.053 (±0.2 max)
±0.053 (±0.2 max)
% of FSR
Linearity Error (max)
±0.006
±0.003
% of FSR
Inherent Quantization Error
±1/2
±1/2
LSB
Differential Linearity Error
±0.003
±0.003
% of FSR
POWER SUPPLY SENSITIVITY
±15 V dc (±0.75 V)
0.0015
0.0015
% of FSR/%
∆V
S
+5 V dc (
±0.25 V)
0.001
0.001
% of FSR/%
∆V
S
CONVERSION TIME5
12 Bits (AD1376)
11.5 (13 max)
11.5 (13 max)
µs
14 Bits (AD1376)
13.5 (15 max)
13.5 (15 max)
µs
16 Bits (AD1376)
15.5 (17 max)
15.5 (17 max)
µs
14 Bits (AD1377)
8.75 max
8.75 max
µs
16 Bits (AD1377)
10 max
10 max
µs
POWER SUPPLY REQUIREMENTS
Rated Voltage, Analog
±15, ±0.5 (max)
±15, ±0.5 (max)
V dc
Rated Voltage, Digital
+5,
±0.25 (max)
+5,
±0.25 (max)
V dc
AD1376 Power Consumption
645 (850 max)
645 (850 max)
mW
+15 V Supply Drain
+16
+16
mA
–15 V Supply Drain
–21
–21
mA
+5 V Supply Drain
+18
+18
mA
AD1377 Power Consumption
600 (800 max)
600 (800 max)
mW
+15 V Supply Drain
+10
+10
mA
–15 V Supply Drain
–23
–23
mA
+5 V Supply Drain
+18
+18
mA
WARM-UP TIME
1
1
minutes
DRIFT
6
Gain
±15 (max)
±5 (±15 max)
ppm/
°C
Offset
Unipolar
±2 (±4 max)
±2 (±4 max)
ppm of FSR/
°C
Bipolar
±10 (max)
±3 (±10 max)
ppm of FSR/
°C
Linearity
±2 (±3 max)
±0.3 (±2 max)
ppm of FSR/
°C
Guaranteed No Missing Code
Temperature Range
0 to 70 (13 Bits)
0 to 70 (14 Bits)
°C
DIGITAL OUTPUT
1
(All Codes Complementary)
Parallel & Serial
Output Codes7
Unipolar
CSB
CSB
Bipolar
COB, CTC8
COB, CTC8
Output Drive
5
5
LSTTL Loads
(typical at TA = +25 C, VS =
15, +5 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com