Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1403A Datasheet(PDF) 1 Page - Analog Devices

Part # AD1403A
Description  Low Cost, Precision 2.5 V IC References
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1403A Datasheet(HTML) 1 Page - Analog Devices

  AD1403A Datasheet HTML 1Page - Analog Devices AD1403A Datasheet HTML 2Page - Analog Devices AD1403A Datasheet HTML 3Page - Analog Devices AD1403A Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost, Precision
2.5 V IC References
AD1403/AD1403A*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD1403 and AD1403A are improved three-terminal, low
cost, temperature compensated, bandgap voltage references that
provide a fixed 2.5 V output voltage for inputs between 4.5 V
and 40 V. A unique combination of advanced circuit design and
laser-wafer-trimmed thin-film resistors provides the AD1403/
AD1403A with an initial tolerance of
±10 mV and a tempera-
ture stability of better than 25 ppm/
°C. In addition, the low
quiescent current drain of 1.5 mA (max) offers a clear advan-
tage over classical Zener techniques.
The AD1403 or AD1403A is recommended as a stable refer-
ence for all 8-, 10- and 12-bit D-to-A converters that require an
external reference. In addition, the wide input range of the
AD1403/AD1403A allows operation with 5 volt logic supplies,
making these devices ideal for digital panel meter applications
and when only a single logic supply is available.
The AD1403 and AD1403A are specified for operation over the
0
°C to +70°C temperature range. The AD580 series of 2.5 volt
precision IC references is recommended for applications where
operation over the –55
°C to +125°C range is required.
*Protected by U.S. Patent Numbers: 3,887,863, RE30,586.
FEATURES
Improved, Lower Cost, Replacements for Standard
1403, 1403A
3-Terminal Device: Voltage In/Voltage Out
Laser Trimmed to High Accuracy: 2.500 V
10 mV
(AD1403A)
Excellent Temperature Stability: 25 ppm/ C (AD1403A)
Low Quiescent Current: 1.5 mA max
10 mA Current Output Capability
Low Cost
Convenient Mini-DIP Package
PRODUCT HIGHLIGHTS
1. The AD1403A offers improved initial tolerance over the in-
dustry-standard 1403A:
±10 mV versus ±25 mV at a lower
cost.
2. The three-terminal voltage in/voltage out operation of the
AD1403/AD1403A provides a regulated output voltage with-
out any external components.
3. The AD1403/AD1403A provides a stable 2.5 V output volt-
age for input voltages between 4.5 V and 40 V making these
devices ideal for systems that contain a single logic supply.
4. Thin film resistor technology and tightly controlled bipolar
processing provide the AD1403A with temperature stabilities
of 25 ppm/
°C.
5. The low 1.5 mA maximum quiescent current drain of the
AD1403 and AD1403A makes them ideal for CMOS and
other low power applications.


Similar Part No. - AD1403A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1403A AD-AD1403A Datasheet
84Kb / 4P
Low Cost, Precision 2.5 V IC References
REV. A
More results

Similar Description - AD1403A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE4100 ETC-VRE4100 Datasheet
232Kb / 7P
Low Cost, SOIC-8 Precision References
logo
Analog Devices
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
AD1403N AD-AD1403N Datasheet
84Kb / 4P
Low Cost, Precision 2.5 V IC References
REV. A
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292 AD-ADR292_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com