Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1672AP Datasheet(PDF) 3 Page - Analog Devices

Part # AD1672AP
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672AP Datasheet(HTML) 3 Page - Analog Devices

  AD1672AP Datasheet HTML 1Page - Analog Devices AD1672AP Datasheet HTML 2Page - Analog Devices AD1672AP Datasheet HTML 3Page - Analog Devices AD1672AP Datasheet HTML 4Page - Analog Devices AD1672AP Datasheet HTML 5Page - Analog Devices AD1672AP Datasheet HTML 6Page - Analog Devices AD1672AP Datasheet HTML 7Page - Analog Devices AD1672AP Datasheet HTML 8Page - Analog Devices AD1672AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AC SPECIFICATIONS
AD1672AP
Parameter
Min
Typ
Max
Units
SIGNAL-TO-NOISE AND DISTORTION RATIO (S/(N+D))
fINPUT = 100 kHz
68
dB
fINPUT = 500 kHz
63
68
dB
fINPUT = 1.5 MHz
60
dB
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 100 kHz
70
dB
fINPUT = 500 kHz
66
70
dB
fINPUT = 1.5 MHz
67
dB
TOTAL HARMONIC DISTORTION (THD)
fINPUT = 100 kHz
–74
dB
fINPUT = 500 kHz
–74
–64
dB
fINPUT = 1.5 MHz
–60
dB
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fINPUT = 100 kHz
–77
dB
fINPUT = 500 kHz
–77
–65
dB
fINPUT = 1.5 MHz
–61
dB
INTERMODULATION DISTORTION (IMD)
1
65
dB
FULL POWER BANDWIDTH
5
MHz
SMALL SIGNAL BANDWIDTH (–20 dB FSR)
20
MHz
CODE TRANSITION NOISE
1/4
LSB rms
APERTURE DELAY
9
ns
APERTURE JITTER
10
ps rms
ACQUISITION TO FULL-SCALE STEP
150
ns
OVERVOLTAGE RECOVERY TIME
150
ns
NOTES
1fs = 490 kHz; fb = 510 kHz typical value for third order products.
Specifications subject to change without notice.
DIGITAL SPECIFICATION
AD1672AP
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUTS
High Level Input Voltage
VIH
3.5
Volts
Low Level Input Voltage
VIL
1.0
Volts
High Level Input Current (VIN = VDD)IIH
–10
10
µA
Low Level Input Current (VIN = 0 V)
IIL
–10
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.4
Volts
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
Volts
Output Capacitance
COUT
5pF
Specifications subject to change without notice.
(TMIN to TMAX with VCC = +5 .0 V, VDD = +5.0 V, DRVDD = +5.0 V, fSAMPLE = 3 MHz, AIN = 0.5 dB in bipolar
–2.5 V to +2.5 V configuration unless otherwise noted)
AD1672
REV. 0
–3–
(TMIN to TMAX with VCC = +5 .0 V, VDD = +5.0 V, VDRVDD = +5.0 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com