Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843 Datasheet(PDF) 39 Page - Analog Devices

Part # AD1843
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD1843 Datasheet HTML 35Page - Analog Devices AD1843 Datasheet HTML 36Page - Analog Devices AD1843 Datasheet HTML 37Page - Analog Devices AD1843 Datasheet HTML 38Page - Analog Devices AD1843 Datasheet HTML 39Page - Analog Devices AD1843 Datasheet HTML 40Page - Analog Devices AD1843 Datasheet HTML 41Page - Analog Devices AD1843 Datasheet HTML 42Page - Analog Devices AD1843 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AD1843
REV. 0
–39–
NTSC
(C1M7 = “0”):
Base Frequency In Hz (C1M6:4)
48,000
32,000
44,100
44,100
× 2/3
48,000*
44,056
Divisor
(C1M3:0)
(000)
(001)
(010)
(011)
(100)
(101)
1
(0000)
Yes
Yes
Yes
Yes
Yes
Yes
2
(0001)
Yes
Yes
Yes
Yes
Yes
Yes
3
(0010)
Yes
No
Yes
No
Yes
Yes
4
(0011)
Yes
Yes
Yes
Yes
Yes
Yes
5
(0100)
Yes
Yes
Yes
Yes
Yes
Yes
6
(0101)
Yes
No
Yes
No
Yes
Yes
7
(0110)
No
No
Yes
No
Yes
Yes
8
(0111)
Yes
No
Yes
No
Yes
Yes
*When C1M6:4 = “100,” base frequency is 48,000 Hz only if NTSC sync rate is increased by 1001/1000, or is exactly 15.750 kHz.
PAL
(C1M7 = “1”):
Base Frequency In Hz (C1M6:4)
48,000
32,000
44,100
44,100
× 2/3
Divisor
(C1M3:0)
(000)
(001)
(010)
(011)
1
(0000)
Yes
Yes
Yes
Yes
2
(0001)
Yes
Yes
Yes
Yes
3
(0010)
Yes
No
Yes
No
4
(0011)
Yes
Yes
Yes
Yes
5
(0100)
Yes
Yes
Yes
Yes
6
(0101)
Yes
No
Yes
No
7
(0110)
Yes
No
Yes
No
8
(0111)
Yes
No
Yes
No
Initial default state after reset: 0000 0000 1111 1111 (00FF hex). Cleared to default and cannot be written to
when: the RESET pin is asserted LO; or when the PWRDWN pin is asserted LO.
Address 17
Clock Generator 1 Control—Sample Rate
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
C1C15
C1C14
C1C13
C1C12
C1C11
C1C10
C1C9
C1C8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C1C7
C1C6
C1C5
C1C4
C1C3
C1C2
C1C1
C1C0
C1C15:0
Clock Generator 1 Conversion (Sample) Rate Select. Defines the conversion rate produced by Clock Generator 1
when not referenced to the SYNC1 pin (Control Register Address 16 Bit 15 [C1REF]). One LSB represents exactly
one Hertz, assuming a 24.576 MHz clock input on the XTALI pin. Usable range is 4 kHz (0x0FA0) to 54 kHz
(0xD2F0).
Initial default state after reset: 1011 1011 1000 0000 (BB80 hex), which is 48 kHz, assuming a 24.576 MHz clock in-
put on the XTALI pin. Cleared to default and cannot be written to when: the RESET pin is asserted LO; or when
the PWRDWN pin is asserted LO.
Address 18
Clock Generator 1 Control—Sample Phase Shift
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
res
res
res
res
res
res
res
C1PD
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C1P7
C1P6
C1P5
C1P4
C1P3
C1P2
C1P1
C1P0
C1PD
Clock Generator 1 Phase Shift Direction. This bit controls the direction of sample clock phase shift.
0 = Phase Advance
1 = Phase Retard
C1P7:0
Clock Generator 1 Phase Shift Magnitude. These bits control the magnitude of sample clock phase shift. One LSB
represents exactly 0.12 degrees. LSBs are processed and decremented at a rate of 3.072 MHz (assuming a 24.576
MHz clock input on the XTALI pin). When this register is read, it indicates any phase advance/retard remaining to
be processed as of the beginning of slot 0 if bus master, or when TSI was received if bus slave. This register may be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com