Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPIC-HD07 Datasheet(PDF) 2 Page - AAEON Technology

Part # EPIC-HD07
Description  EPIC Board with Onboard AMD G Series Dual/Single Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPIC-HD07 Datasheet(HTML) 2 Page - AAEON Technology

  EPIC-HD07 Datasheet HTML 1Page - AAEON Technology EPIC-HD07 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-12
Dimension
Unit: mm
EPIC-HD07
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
TF-EPIC-HD07-A10
T56N
Fanless
CRT + LVDS
24b, 2CH
SATA x 1
GbE x 2
8
5
1
PCI-104 x 1
Mini Card x 1
mSATA x 1
DC12V
0°C ~ 60°C
TF-EPIC-HD07-A10-01
T44R
Fanless
CRT + LVDS
24b, 2CH
SATA x 1
GbE x 2
8
5
1
PCI-104 x 1
Mini Card x 1
mSATA x 1
DC12V
0°C ~ 60°C
TF-EPIC-HD07-A10-02
T40R
Fanless
CRT + LVDS
24b, 1CH
SATA x 1
GbE x 2
8
4
1
Mini Card x 1
DC12V
0°C ~ 60°C
Component Side
Solder Side
M10HD07000
•
(TF) Metal, Al, Heat spreader, 176 x 100 x 21mm, Rev.0.0, for EPIC-HD0
1701260200
•
(TF) Flat Cable, 25P D-SUB FEMALE, 26P 2.00mm Pitch Housing, 20cm
1700060155
•
(TF) KB & PS/2 Mouse CABLE, 1 x 6P Pitch=1.25mm Housing, 15cm, for PFM-945C
1701010150
•
(TF) FLAT CABLE, 1 x 10P Pitch=1.25mm Housing, 15cm, for PFM-945C
1700050207
•
(TF) USB CABLE, 1 x 5P Pitch=1.25mm Housing, 20cm, for PFM-945C
1701090150
•
(TF) Flat Cable, D-Sub 9(M), 9P Housing, 9P 1.25mm pitch Housing, 15cm
1702150155
•
(TF) Power Cable, 15P SATA(F), 2P 2.0mm Housing (PH), 15cm
1701150510
•
(TF) Audio CABLE, 1 x 14P Pitch=1.25mm Housing, 51cm, for PFM-945C
Optional Accessories



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com