Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1848 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1848
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1848 Datasheet HTML 17Page - Analog Devices AD1848 Datasheet HTML 18Page - Analog Devices AD1848 Datasheet HTML 19Page - Analog Devices AD1848 Datasheet HTML 20Page - Analog Devices AD1848 Datasheet HTML 21Page - Analog Devices AD1848 Datasheet HTML 22Page - Analog Devices AD1848 Datasheet HTML 23Page - Analog Devices AD1848 Datasheet HTML 24Page - Analog Devices AD1848 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD1848K
REV. 0
–21–
DATA AND CONTROL TRANSFERS
The AD1848K SoundPort Stereo Codec supports a DMA re-
quest/grant architecture for transferring data with the host com-
puter bus. One or two DMA channels can be supported.
Programmed I/O (PIO) mode is also supported for control reg-
ister accesses and for applications lacking DMA control. PIO
transfers can be made on one channel while the other is per-
forming DMA. Transfers to and from the AD1848K SoundPort
Codec are asynchronous relative to the internal data conversion
clock. Transfers are buffered, but the AD1848K supports no in-
ternal FIFOs. The host is responsible for providing playback
data before the next digital-to-analog conversion and removing
capture data before the next analog-to-digital conversion.
Data Ordering
The number of byte-wide transfers required depends on the
data format selected. The AD1848K is designed for “little
endian” formats in which the least significant byte (i.e., occupy-
ing the lowest memory address) gets transferred first. So 16-bit
data transfers require first transferring the least significant bits
7:0 and then transferring the most significant bits 15:8, where
bit 15 is the most significant bit in the word.
In addition, left channel data is always transferred before right
channel data with the AD1848K. The following figures should
make these requirements clear.
SAMPLE 6
MONO
MONO
MONO
MONO
SAMPLE 5
SAMPLE 4
SAMPLE 3
SAMPLE 2
SAMPLE 1
TIME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
Figure 7. AD1848K 8-Bit Mono Data Stream Sequencing
SAMPLE 3
RIGHT
LEFT
RIGHT
LEFT
SAMPLE 3
SAMPLE 2
SAMPLE 2
SAMPLE 1
SAMPLE 1
TIME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
Figure 8. AD1848K 8-Bit Stereo Data Stream Sequencing
TIME
MONO
MONO
SAMPLE 6
SAMPLE 5
SAMPLE 4
SAMPLE 3
SAMPLE 2
SAMPLE 1
BYTES 1 & 2
BYTES 3 & 4
Figure 9. AD1848K 16-Bit Mono Data Stream Sequencing
TIME
RIGHT
LEFT
SAMPLE 3
SAMPLE 3
SAMPLE 2
SAMPLE 2
SAMPLE 1
SAMPLE 1
BYTES 1 & 2
BYTES 3 & 4
Figure 10. AD1848K 16-Bit Stereo Data
Stream Sequencing
Control and Programmed I/O (PIO) Transfers
This simpler mode of transfers is used both for control register
accesses and programmed I/O. The 21 control and PIO data
registers cannot be accessed via DMA transfers. Playback PIO is
activated when both Playback Enable (PEN) is set and Playback
PIO (PPIO) is set. Capture PIO is activated when both Capture
Enable (CEN) is set and Capture PIO (CPIO) is set. See Fig-
ures 11 and 12 for the detailed timing of the control register/
PIO transfers. The RD and WR signals are used to define the
actual read and write cycles, respectively. The host holds CS
LO during these transfers. The DMA Capture Data Acknowl-
edge (CDAK) and Playback Data Acknowledge (PDAK) must
be held inactive, i.e., HI.
CDRQ /
PDRQ
OUTPUTS
CS INPUT
CDAK
INPUT
DATA7:0
OUTPUTS
RD INPUT
DBEN &
DBDIR
OUTPUTS
ADR1:0
INPUTS
t
DBDL
t
RDDV
t
ADSU
t
CSHD
t
CSSU
t
DHD1
t
ADHD
t
STW
t
SUDK2
t
SUDK1
Figure 11. AD1848K Control Register/PIO Read Cycle
CDRQ/
PDRQ
OUTPUTS
CS INPUT
PDAK
INPUT
DATA7:0
INPUTS
WR INPUT
DBEN
OUTPUT
ADR1:0
INPUTS
t
DBDL
t
ADSU
t
CSHD
t
DHD2
t
ADHD
t
SUDK2
DBDIR
OUTPUT
t
SUDK1
t
CSSU
t
STW
t
WDSU
HI
Figure 12. AD1848K Control Register/PIO Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com