Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1852 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices AD1852 Datasheet HTML 10Page - Analog Devices AD1852 Datasheet HTML 11Page - Analog Devices AD1852 Datasheet HTML 12Page - Analog Devices AD1852 Datasheet HTML 13Page - Analog Devices AD1852 Datasheet HTML 14Page - Analog Devices AD1852 Datasheet HTML 15Page - Analog Devices AD1852 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD1852
–13–
REV. 0
dBFS
–80
–100
–120
–140
–60
–40
–20
0
–140
–120
–100
–60
–40
–20
0
–80
Figure 21. Linearity vs. Amplitude Input 200 Hz,
SR 48 kS/s, 24-Bit Word
FREQUENCY – Hz
10
–76
–74
–64
100
1k
10k
–70
–72
–68
–66
20k
Figure 22. Power Supply Rejection vs. Frequency
AVDD 5 V DC + 100 mV p-p AC
FREQUENCY – kHz
0
–100
120
20
40
60
80
100
–10
–40
–70
–80
–90
–20
–30
–50
–60
–110
–120
–130
–140
Figure 23. Wideband Plot, 15 kHz Input, 8
× Interpolation,
SR 48 kHz
FREQUENCY – kHz
–130
–140
–150
–120
–110
–100
–90
0
2468
10
12
14
16
18
20
22
–80
–70
–60
–50
–160
Figure 24. Dynamic Range for 1 kHz @ –60 dBFS,
Triangular Dithered Input
FREQUENCY – kHz
0
–100
30
5
10 15 20 25
–10
–40
–70
–80
–90
–20
–30
–50
–60
–110
–120
–130
–140
–150
–160
35 40 45
50 55 60 65 70 75
80
Figure 25. Wideband Plot, 75 kHz Input, 2
× Interpolation,
SR 192 kHz
FREQUENCY – kHz
0
–100
120
20
40
60
80
100
–10
–40
–70
–80
–90
–20
–30
–50
–60
–110
–120
–130
–140
Figure 26. Wideband Plot, 37 kHz Input, 4
× Interpolation,
SR 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com