Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4F Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # MB4F
Description  0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MB4F Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  MB4F Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MB4F Datasheet HTML 2Page - WILLAS ELECTRONIC CORP MB4F Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
Pb Free Product
FEATURES
* Ideal for printed circuit board
* Surge overload rating: 30 Amperes peak
* Mounting position: Any
* Low Profile Package
* RoHS compliant
* Pb free plating 99% Sn above
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* Standard Packaging Taped and reeled
* Weight: 0.11 grams
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL
MB5F
MB6F
Marking Code
MB5F
MB6F
Pepetitive Peak Reverse Voltage
VRRM
600
800
Maximum Alternating Input Voltage
VRMS
420
560
Maximum Average Forward Rectified Current
at TA=50℃
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Rating for fusing ,t<8.3ms@TA=25℃
I2t
Typical Thermal Resistance (Note 2)
RΘJA
Operating Temperature Range
TJ
Storage Temperature Range
TS
SYMBOL
MB5F
MB6F
Maximum Forward Voltage Range at 0.8A DC
VF
Maximum Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=125℃
NOTES :1. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B with 0.47 x 0.47"(12 x 12mm) copper pads.
2011.10
500
Amps
UNIT
Volts
Volts
UNIT
Volts
μAmps
℃
℃/W
MB7F
1.05
5.0
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MB4F
MB7F
MB4F
MB7F
0.8
30
3.7
70
-55 to +150
MB4F
MB7F
Amps
A2sec
WILLAS ELECTRONIC CORP.
WILLAS
CHARACTERISTICS
IO
IFSM
IR
-55 to +150
MB4F
THRU
MBF PACKAGE
400
280
1000
700
RoHS product for packing code suffix "G"
*
Halogen free product for packing code suffix "H"


Similar Part No. - MB4F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB4F PACELEADER-MB4F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB4F PFS-MB4F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB4F LUGUANG-MB4F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB4F FORMOSA-MB4F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB4F JUXING-MB4F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB4F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S Datasheet
144Kb / 2P
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1L WILLAS-MD1L Datasheet
344Kb / 2P
1.0 AMP SURFACE MOUNT FLAT SI- BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
AB1S GWSEMI-AB1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
AD1S GWSEMI-AD1S Datasheet
67Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MD1S GWSEMI-MD1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S_15 Datasheet
241Kb / 2P
0.8 Amp Surface Mount Bridge Rectifiers
logo
Thinki Semiconductor Co...
MB05S THINKISEMI-MB05S Datasheet
387Kb / 2P
0.8 Amp Surface Mount Single Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com