Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1855 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1855
Description  Stereo, 96 kHz, Multibit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1855 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1855 Datasheet HTML 7Page - Analog Devices AD1855 Datasheet HTML 8Page - Analog Devices AD1855 Datasheet HTML 9Page - Analog Devices AD1855 Datasheet HTML 10Page - Analog Devices AD1855 Datasheet HTML 11Page - Analog Devices AD1855 Datasheet HTML 12Page - Analog Devices AD1855 Datasheet HTML 13Page - Analog Devices AD1855 Datasheet HTML 14Page - Analog Devices AD1855 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD1855
–13–
REV. B
Smooth Volume Control with Auto Ramp Up/Down
The AD1855 incorporates ADI’s 1024 step “Smooth Volume
Control” with auto ramp up/down. Once per L/
RCLK cycle,
the AD1855 compares current volume level register to the vol-
ume level request register Data 9 through Data 0. If different,
volume is adjusted 1 step/sample. Therefore a change from
max to min volume takes 1024 samples or about 20 ms as
shown in Figure 20.
20ms
TIME
–60
–60
0
0
VOLUME REQUEST REGISTER
ACTUAL VOLUME REGISTER
Figure 20. Smooth Volume Control
Output Drive, Buffering and Loading
The AD1855 analog output stage is able to drive a 1 k
Ω (in
series with 2 nF) load.
Power-Down/Reset
The AD1855 offers two methods for power-down and reset.
When the
PD/RST input (Pin 24) is asserted LO, the AD1855
is reset. As an alternative, the user can assert the soft power-
down bit (Data 13) HI. All the registers in the AD1855 digital
engine (serial data port, interpolation filter and modulator) are
zeroed. The two 8-bit registers in the serial control port are
initialized back to their default values. The user should wait
100 ms after bringing
PD/RST HI before using the serial data
input port and the serial control input. The AD1855 is designed
to minimize pops and clicks when entering and exiting the power-
down state. A reset should always be performed at power-on.
De-Emphasis
The AD1855 offers digital de-emphasis, supporting 50
µs/
15
µs digital de-emphasis intended for “redbook” 44.1 kHz
sample frequency playback from Compact Discs. The AD1855
offers control of de-emphasis by asserting the DEEMP input
(Pin 9) HI or by asserting the de-emphasis register bit (Data 12)
HI. The AD1855’s de-emphasis is optimized for 44.1 kHz but
will scale to the other sample frequencies.
Control Signals
The IDPM0, IDPM1, and DEEMP control inputs are normally
connected HI or LO to establish the operating state of the
AD1855. They can be changed dynamically (and asynchro-
nously to L/
RCLK and the master clock) as long as they are
stable before the first serial data input bit (i.e., MSB) is pre-
sented to the AD1855.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com