Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1886A Datasheet(PDF) 21 Page - Analog Devices

Part # AD1886A
Description  AC??7 SoundMAX Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1886A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1886A Datasheet HTML 17Page - Analog Devices AD1886A Datasheet HTML 18Page - Analog Devices AD1886A Datasheet HTML 19Page - Analog Devices AD1886A Datasheet HTML 20Page - Analog Devices AD1886A Datasheet HTML 21Page - Analog Devices AD1886A Datasheet HTML 22Page - Analog Devices AD1886A Datasheet HTML 23Page - Analog Devices AD1886A Datasheet HTML 24Page - Analog Devices AD1886A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. 0
AD1886A
–21–
Serial Configuration (Index 74h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
4
7h
4
7 h
4
7 h
4
7h
4
7
l
a
i
r
e
Sl
a
i
r
e
S
l
a
i
r
e
S
l
a
i
r
e
Sl
a
i
r
e
S
n
o
i
t
a
r
u
g
i
f
n
o
Cn
o
i
t
a
r
u
g
i
f
n
o
C
n
o
i
t
a
r
u
g
i
f
n
o
C
n
o
i
t
a
r
u
g
i
f
n
o
Cn
o
i
t
a
r
u
g
i
f
n
o
C
T
O
L
ST
O
L
S
T
O
L
S
T
O
L
ST
O
L
S
6
16
16
16
16
1
2
M
G
E
R2
M
G
E
R
2
M
G
E
R
2
M
G
E
R2
M
G
E
R1
M
G
E
R1
M
G
E
R
1
M
G
E
R
1
M
G
E
R1
M
G
E
R0
M
G
E
R0
M
G
E
R
0
M
G
E
R
0
M
G
E
R0
M
G
E
RX
X
X
X
XX
X
X
X
XR
W
H
DR
W
H
D
R
W
H
D
R
W
H
DR
W
H
DX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X
Note: This register is not reset when the reset register (Register 00h) is written.
DHWR
Disable Hardware Reset
REGM0
Master Codec Register Mask
REGM1
Slave 1 Codec Register Mask
REGM2
Slave 2 Codec Register Mask
SLOT16
Enable 16-bit slots.
If your system uses only a single AD1886A, you can ignore the register mask bits.
SLOT16 makes all AC Link slots 16 bits in length, formatted into 16 slots.
Miscellaneous Control Bits (Index 76h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
6
7h
6
7 h
6
7 h
6
7h
6
7s
t
i
B
l
o
r
t
n
o
C
c
s
i
Ms
t
i
B
l
o
r
t
n
o
C
c
s
i
M
s
t
i
B
l
o
r
t
n
o
C
c
s
i
M
s
t
i
B
l
o
r
t
n
o
C
c
s
i
Ms
t
i
B
l
o
r
t
n
o
C
c
s
i
M
C
A
DC
A
D C
A
D C
A
DC
A
D
Z
Z
Z
Z
Z
I
M
P
LI
M
P
L
I
M
P
L
I
M
P
LI
M
P
L
X
X
X
X
XX
X
X
X
XM
A
DM
A
D M
A
D M
A
DM
A
DS
M
DS
M
D
S
M
D
S
M
DS
M
DR
S
L
DR
S
L
D
R
S
L
D
R
S
L
DR
S
L
DX
X
X
X
XR
S
L
AR
S
L
A
R
S
L
A
R
S
L
AR
S
L
A
D
O
MD
O
M D
O
M D
O
MD
O
M
N
EN
EN
EN
EN
E
0
1
X
R
S0
1
X
R
S
0
1
X
R
S
0
1
X
R
S0
1
X
R
S
7
D7
D7
D7
D7
D
8
X
R
S8
X
R
S
8
X
R
S
8
X
R
S8
X
R
S
7
D7
D7
D7
D7
DX
X
X
X
XX
X
X
X
XR
S
R
DR
S
R
D
R
S
R
D
R
S
R
DR
S
R
DX
X
X
X
XR
S
R
AR
S
R
A
R
S
R
A
R
S
R
AR
S
R
Ah
0
0
0
0h
0
0
0
0
h
0
0
0
0
h
0
0
0
0h
0
0
0
0
ARSR
ADC Right Sample Generator Select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch)
DRSR
DAC Right Sample Generator Select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch)
SRX8D7
Multiply SR1 rate by 8/7
SRX10D7
Multiply SR1 rate by 10/7. SRX10D7 and SRX8D7 are mutually exclusive; SRX10D7 has priority if both are set.
MODEN
Modem filter enable (left channel only). Change only when DACs are powered down.
ALSR
ADC Left Sample Generator Select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch)
DLSR
DAC Left Sample Generator Select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch)
DMS
Digital Mono Select
0 = Mixer
1 = Left DAC + Right DAC
DAM
Digital Audio Mode. DAC Outputs bypass analog mixer and sent directly to the codec output.
LPMIX
Low-Power Mixer
DACZ
Zero-fill (vs. repeat) if DAC is starved for data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com