Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5122 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5122
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 2 Page - Analog Devices

  AD5122 Datasheet HTML 1Page - Analog Devices AD5122 Datasheet HTML 2Page - Analog Devices AD5122 Datasheet HTML 3Page - Analog Devices AD5122 Datasheet HTML 4Page - Analog Devices AD5122 Datasheet HTML 5Page - Analog Devices AD5122 Datasheet HTML 6Page - Analog Devices AD5122 Datasheet HTML 7Page - Analog Devices AD5122 Datasheet HTML 8Page - Analog Devices AD5122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD5122/AD5142
Data Sheet
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—AD5122 .......................................... 3
Electrical Characteristics—AD5142 .......................................... 6
Interface Timing Specifications.................................................. 9
Shift Register and Timing Diagrams ....................................... 10
Absolute Maximum Ratings.......................................................... 11
Thermal Resistance .................................................................... 11
ESD Caution................................................................................ 11
Pin Configurations and Function Descriptions ......................... 12
Typical Performance Characteristics ........................................... 14
Test Circuits..................................................................................... 19
Theory of Operation ...................................................................... 20
RDAC Register and EEPROM.................................................. 20
Input Shift Register .................................................................... 20
SPI Serial Data Interface............................................................ 20
Advanced Control Modes ......................................................... 23
EEPROM or RDAC Register Protection................................. 24
INDEP Pin................................................................................... 24
RDAC Architecture.................................................................... 27
Programming the Variable Resistor......................................... 27
Programming the Potentiometer Divider............................... 28
Terminal Voltage Operating Range ......................................... 28
Power-Up Sequence ................................................................... 28
Layout and Power Supply Biasing............................................ 28
Outline Dimensions....................................................................... 29
Ordering Guide .......................................................................... 30
REVISION HISTORY
10/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com