Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL06DP212 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTL06DP212
Description  CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL06DP212 Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTL06DP212 Datasheet HTML 1Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 2Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 3Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 4Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 5Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 6Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 7Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 8Page - NXP Semiconductors CBTL06DP212 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CBTL06DP212
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
2 of 18
NXP Semiconductors
CBTL06DP212
High-performance DisplayPort Gen2 2 : 1 multiplexer
ESD 8 kV HBM, 1 kV CDM
ESD 2 kV HBM, 500 V CDM for control pins
Available in 5 mm
 5 mm, 0.5 mm ball pitch TFBGA48 package
3.
Applications
Motherboard applications requiring DisplayPort and PCI Express
switching/multiplexing
Docking stations
Notebook computers
Chip sets requiring flexible allocation of PCI Express or DisplayPort I/O pins to board
connectors
4.
Ordering information
[1]
Total height including solder balls after printed circuit board mounting = 1.15 mm maximum.
5.
Marking
[1]
Industrial temperature range.
Table 1.
Ordering information
Type number
Solder process
Package
Name
Description
Version
CBTL06DP212EE
Pb-free (SnAgCu
solder compound)
TFBGA48
plastic thin fine-pitch ball grid array package;
48 balls; body 5
 5  0.8 mm[1]
SOT918-1
Table 2.
Package marking
Line
Marking
Description
A6D212[1]
basic type number
B
xxxxxxx
diffusion lot number
C
ZPGyyww
manufacturing code:
Z = diffusion site
P = assembly site
G = lead-free
yy = year code
ww = week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com