Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL06DP212EE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBTL06DP212EE
Description  CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL06DP212EE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBTL06DP212EE Datasheet HTML 3Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 4Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 5Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 6Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 7Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 8Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 9Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 10Page - NXP Semiconductors CBTL06DP212EE Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CBTL06DP212
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
7 of 18
NXP Semiconductors
CBTL06DP212
High-performance DisplayPort Gen2 2 : 1 multiplexer
9.
Limiting values
[1]
Human Body Model: ANSI/EOS/ESD-S5.1-1994, standard for ESD sensitivity testing, Human Body Model -
Component level; Electrostatic Discharge Association, Rome, NY, USA.
[2]
Charged Device Model: ANSI/EOS/ESD-S5.3-1-1999, standard for ESD sensitivity testing, Charged Device
Model - Component level; Electrostatic Discharge Association, Rome, NY, USA.
10. Recommended operating conditions
[1]
HPD input is tolerant to 5 V input, provided a 1 k
 series resistor between the voltage source and the pin is
placed in series. See Section 12.1 “Special considerations”.
[2]
DDC/AUX inputs are tolerant to 5 V input, provided a 2.2 k
 series resistor between the voltage source and
the pin is placed in series. See Section 12.1 “Special considerations”.
Table 6.
Multiplexer/switch select control for DDC and AUX channels
DDC_AUX_SEL
GPU_SEL
AUX1
AUX2
DDC_CLK1,
DDC_DAT1
DDC_CLK2,
DDC_DAT2
0
0
active;
connected to AUX
high-impedance
high-impedance
high-impedance
0
1
high-impedance
active;
connected to AUX
high-impedance
high-impedance
1
0
high-impedance
high-impedance
active;
connected to AUX
high-impedance
1
1
high-impedance
high-impedance
high-impedance
active;
connected to AUX
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.3
+5
V
Tcase
case temperature
40
+85
C
VESD
electrostatic discharge
voltage
HBM
[1] -
8000
V
HBM; CMOS inputs
[1] -
2000
V
CDM
[2] -
1000
V
CDM; CMOS inputs
[2]
500
V
Table 8.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
3.3
3.6
V
VI
input voltage
CMOS inputs
0.3
-
VDD +0.3
V
HPD inputs
[1]
0.3
-
VDD +0.3
V
DDC/AUX inputs
[2]
0.3
-
VDD +0.3
V
other inputs
0.3
-
+2.6
V
Tamb
ambient temperature
operating in free air
40
-
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com