Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC8D28NP-R39MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDMC8D28NP-R39MC
Description  Metal compound molding type construction.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC8D28NP-R39MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDMC8D28NP-R39MC Datasheet HTML 1Page - Sumida Corporation CDMC8D28NP-R39MC Datasheet HTML 2Page - Sumida Corporation CDMC8D28NP-R39MC Datasheet HTML 3Page - Sumida Corporation CDMC8D28NP-R39MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 3
Revised: 25-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDMC8D28
Description
• Metal compound molding type construction.
• Magnetically shielded.
• L
×W×H: 9.5×8.7×3.0 mm Max.
• Product weight:1.2 g (Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+85℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in low voltage-high current
laptop PC & sever power supply.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Measuring condition: at 1MHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 80% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
8.
5±
0.
2
9.5 Max.
:Electrode
1
0.01 Min.
3.0 Max.
1.7±0.3
3.
5±
0.
3
1.7±0.3
2
10.5
5.0
4.
0
①
②
7.1
6.4(8.0)
24.1(20.1)
3.9
±20%
3R9
CDMC8D28NP-3R9MC
7.3
7.0(8.8)
22.2(18.5)
3.3
±20%
3R3
CDMC8D28NP-3R3MC
8.1
8.8(11.0)
16.1(13.4)
2.2
±20%
2R2
CDMC8D28NP-2R2MC
9.3
9.4(11.8)
12.6(10.5)
1.8
±20%
1R8
CDMC8D28NP-1R8MC
12.9
12.2(15.3)
7.0(5.80)
1.2
±20%
1R2
CDMC8D28NP-1R2MC
15.4
16.0(20.0)
4.6(3.84)
0.68
±20%
R68
CDMC8D28NP-R68MC
19.9
19.8(24.7)
2.8(2.32)
0.39
±20%
R39
CDMC8D28NP-R39MC
25.8
28.7(35.9)
1.6(1.33)
0.18
±20%
R18
CDMC8D28NP-R18MC
Temperature
rise current
(A)
※3
Saturation current
(A)
(at 20℃)※2
D.C.R. (m
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance (
μH)
[Within]※1
Stamp
Part No.


Similar Part No. - CDMC8D28NP-R39MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC8D28NP-R39MC SUMIDA-CDMC8D28NP-R39MC Datasheet
143Kb / 3P
SMD Power Inductor
More results

Similar Description - CDMC8D28NP-R39MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
Molding Type Module
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
Molding Type Module
logo
Sumida Corporation
CDMC80D50AA SUMIDA-CDMC80D50AA Datasheet
221Kb / 4P
Metal compound molding type construction
logo
Ohmite Mfg. Co.
RES-WH-WN OHMITE-RES-WH-WN Datasheet
305Kb / 2P
Encapsulated by epoxy molding compound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com