Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1895 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1895 Datasheet HTML 16Page - Analog Devices AD1895 Datasheet HTML 17Page - Analog Devices AD1895 Datasheet HTML 18Page - Analog Devices AD1895 Datasheet HTML 19Page - Analog Devices AD1895 Datasheet HTML 20Page - Analog Devices AD1895 Datasheet HTML 21Page - Analog Devices AD1895 Datasheet HTML 22Page - Analog Devices AD1895 Datasheet HTML 23Page - Analog Devices AD1895 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. B
AD1895
–21–
TDM MODE APPLICATION
In TDM Mode, several AD1895s can be daisy-chained together
and connected to the serial input port of a SHARC
® DSP. The
AD1895 contains a 64-bit parallel load shift register. When the
LRCLK_O pulse arrives, each AD1895 parallel loads its left and
right data into the 64-bit shift register. The input to the shift
register is connected to TDM_IN, while the output is connected
to SDATA_O. By connecting the SDATA_O to the TDM_IN
of the next AD1895, a large shift register is created and is
clocked by SCLK_O.
The number of AD1895s that can be daisy-chained together is
limited by the maximum frequency of SCLK_O, which is about
25 MHz. For example, if the output sample rate, fS, is 48 kHz,
up to eight AD1895s could be connected since 512
× f
S is less
than 25 MHz. In Master/TDM Mode, the number of AD1895s
that can be daisy-chained is fixed to four.
SHARC is a registered trademark of Analog Devices, Inc.
AD1895
TDM_IN
SDATA_O
LRCLK_O
M1
M2
M0
0
0
0
SCLK_O
SHARC
DSP
DR0
RFS0
RCLK0
SLAVE-2
SLAVE-n
STANDARD MODE
AD1895
TDM_IN
SDATA_O
LRCLK_O
M1
M2
M0
0
0
0
SCLK_O
AD1895
TDM_IN
SDATA_O
LRCLK_O
M1
M2
M0
SCLK_O
0
0
0
SCLK
LRCLK
SLAVE-1
Figure 11. Daisy-Chain Configuration for TDM Mode (All AD1895s Being Clock-Slaves)
AD1895
TDM_IN
SDATA_O
LRCLK_O
CLOCK-MASTER
M1
M2
M0
1
0
1
SCLK_O
SHARC
DSP
DR0
RFS0
RCLK0
SLAVE-1
SLAVE-n
STANDARD MODE
AD1895
TDM_IN
SDATA_O
LRCLK_O
M1
M2
M0
0
0
0
SCLK_O
AD1895
TDM_IN
SDATA_O
LRCLK_O
M1
M2
M0
SCLK_O
0
0
0
Figure 12. Daisy-Chain Configuration for TDM Mode (First AD1895 Being Clock-Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com