Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH2D14NP-R60NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D14NP-R60NC
Description  Ferrite drum core construction.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D14NP-R60NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D14NP-R60NC Datasheet HTML 1Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 2Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 3Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 4Page - Sumida Corporation CDRH2D14NP-R60NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 4
Revised: 17-Sep-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D14
Electrical Characteristics
0.64
0.42
0.62
394(315)
12
±30%
M
CDRH2D14NP-120NC
0.76
0.46
0.70
294(235)
10
±30%
L
CDRH2D14NP-100NC
0.80
0.51
0.80
281(225)
8.2
±30%
K
CDRH2D14NP-8R2NC
0.92
0.56
0.85
213(170)
6.8
±30%
J
CDRH2D14NP-6R8NC
0.98
0.60
0.95
188(150)
5.6
±30%
H
CDRH2D14NP-5R6NC
1.00
0.68
1.00
169(135)
4.7
±30%
G
CDRH2D14NP-4R7NC
1.12
0.75
1.10
138(110)
3.9
±30%
F
CDRH2D14NP-3R9NC
1.24
0.82
1.20
125(100)
3.3
±30%
E
CDRH2D14NP-3R3NC
1.40
0.90
1.35
106(85)
2.7
±30%
D
CDRH2D14NP-2R7NC
1.60
1.00
1.50
94(75)
2.2
±30%
C
CDRH2D14NP-2R2NC
1.80
1.10
1.65
75(60)
1.8
±30%
B
CDRH2D14NP-1R8NC
2.00
1.20
1.80
63(50)
1.5
±30%
A
CDRH2D14NP-1R5NC
2.75
1.35
1.95
49(38)
1.2
±30%
S
CDRH2D14NP-1R2NC
2.85
1.68
2.10
39(30)
0.82
±35%
R
CDRH2D14NP-R82NC
3.45
1.75
2.20
33(25)
0.60
±35%
Q
CDRH2D14NP-R60NC
4.10
2.55
3.25
26(20)
0.36
±35%
P
CDRH2D14NP-R36NC
4.74
2.70
3.80
21(16)
0.21
±35%
N
CDRH2D14NP-R21NC
at 100
℃
at 20
℃
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name
※1 Inductance measuring condition: at 100 kHz.
※2 Saturation current: The DC current at which the inductance decreases to 65% of it's nominal value.
※3 Temperature rise current: The DC current at which the temperature rise is △T=40℃.(Ta=20℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com