Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH3D23NP-R47NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH3D23NP-R47NC
Description  Ferrite drum core construction.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D23NP-R47NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH3D23NP-R47NC Datasheet HTML 1Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 2Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 3Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 4Page - Sumida Corporation CDRH3D23NP-R47NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 4
Revised: 4-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH3D23
※3.8±0.12
※
3.
8±
0.
12
(2.3)
4.
4±
0.
2
φ
2.
8
1.1
±
0.2
2.5 Max.
5.
4
Ma
x.
Electrode
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H:3.92×3.92×2.5 mm Max.
• Product weight: 112mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 7.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in Mobilephone,PDA,MP3,
DSC/DVC, etc as DC-DC converter inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
(0.47
μH~10.0μH)
(15.0
μH~47.0μH)
5.2
1.
5
1.4
2.4
1
2
2
1


Similar Part No. - CDRH3D23NP-R47NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23NP-R47NC SUMIDA-CDRH3D23NP-R47NC Datasheet
173Kb / 4P
SMD Power Inductor
More results

Similar Description - CDRH3D23NP-R47NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
Ferrite drum core construction
CDRH2D14 SUMIDA-CDRH2D14_12 Datasheet
232Kb / 5P
Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
Ferrite drum core construction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com