Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICO-CV01 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-CV01
Description  PICO-ITX Fanless Board With HDMI and Intel Atom N2600 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-CV01 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-CV01 Datasheet HTML 1Page - AAEON Technology PICO-CV01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14-2
Dimension
Unit: mm
PICO-CV01
1700050207
•
USB Cable, Length 20cm
1701090150
•
COM1 Cable, Length 15cm
1709100254
•
AUDIO Cable, Length 25cm
1701100156
•
Front Panel Cable, Length 15cm
1701090150
•
COM 2 Cable For RS-232, Length 15cm
1701090151
•
COM 2 Cable For RS-422/485, Length 15cm
170302010C
•
Buzzer Cable
Ordering Information
Optional Accessories
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
PICO-CV01-A10
Inte® Atom™ N2600
SODIMM
Fanless
CRT+LVDS,
CRT+HDMI
SATA2 x 1,
mSATA x 1
18b, 1CH
GbE x 1
5
1
1
Mini Card x 1 or mSATA
(Half-size) x 1
DC12V
0°C ~ 60°C
Component side
Solder side



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com