Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-RTC-1000AS-TAS-WB-1110 Datasheet(PDF) 2 Page - AAEON Technology

Part # TF-RTC-1000AS-TAS-WB-1110
Description  10.2" Rugged Tablet Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-RTC-1000AS-TAS-WB-1110 Datasheet(HTML) 2 Page - AAEON Technology

  TF-RTC-1000AS-TAS-WB-1110 Datasheet HTML 1Page - AAEON Technology TF-RTC-1000AS-TAS-WB-1110 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Optional Accessories
TF-RTC-1000AS-TA-WB-1110
•
Rugged Tablet Computer, Intel® Atom™ N270 1.6 GHz, 10.2" 200 nits, DC19V, TS/AOT, 1 GB RAM, 80 GB HDD,
Windows® Embedded Standard 2009, WiFi, Bluetooth®
TF-RTC-1000AS-TAS-WB-1110
•
Rugged Tablet Computer, Intel® Atom™ N270 1.6 GHz, 10.2" 500 nits, DC19V, TS/AOT/Sunlight readable, 1
GB RAM, 80 GB HDD, Windows® Embedded Standard 2009, WiFi, Bluetooth®
RTC-1000AS
AP-LN968687900
•
3.5G Modem Module Kit
9761100015(For M/B A1.0)
•
GPS Module Kit
TF-RDS-141V-0000
•
Office Docking Station
TF-RDS-141V-0002
•
Vehicle Docking Station
Vehicle DC/DC Adapter
•
1757407201
12V/24V Input
AP-PS1757407000 48V Input
2192619061
•
Carry Bag
Note: RTC-1000AS has a RJ-11 connector, but the cable modem function
has been removed.
LCD
Display Type
10.2" 16:9 TFT LCD
Max. Resolution
1024 x 600
Max. Color
262K colors
Dot Size
0.2175 x 0.2175
Luminance
200/500 cd/m2 (Optional)
View Angle
Vertical 60° (R)/ 60° (L)
Horizontal 70° (U)/ 70° (L)
Touch Screen
Type
4-wire, Analog Resistive
Resolution
1024 x 600
Light Transmission
≥ 85%
09-6
Dimension
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com