Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD104 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CD104
Description  CD104 SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CD104 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CD104 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.5 3.75
3.75
SPECIFICATION
TYPE
= CD104
CONSTRUCTION
= SURFACE MOUNT POWER INDUCTOR
TERIMAL COATING
= NICKEL
OPERATING TEMP.
= -40 TO +85 C
STORAGE TEMP
= -55 TO +125 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 750PCS/REEL
MARKING
= 3 CHARACTERS, VALUE
NOTE
TOLERANCES K=10%; M=20%.
10
9.0
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CD104 SMD POWER INDUCTOR
CD104 SMD POWER INDUCTOR
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
Part
L
Tol
R
DC
I
DC
(
H)
%
MAX
I
N
(
)(A)
CD104-100
10 @2.52 MHz
M
0.05
2.4
CD104-150
15 @2.52 MHz
M
0.07
1.9
CD104-180
18 @2.52 MHz
M
0.08
1.7
CD104-220
22 @2.52 MHz
M
0.09
1.6
CD104-330
33 @2.52 MHz
M
0.12
1.3
CD104-390
39 @2.52 MHz
M
0.15
1.2
CD104-470
47 @2.52 MHz
M
0.17
1.1
CD104-560
56 @2.52 MHz
K
0.2
1
CD104-680
68 @2.52 MHz
K
0.22
0.9
CD104-820
82 @2.52 MHz
K
0.25
0.9
CD104-101
100 @1.0 kHz
K
0.34
0.7
CD104-121
120 @1.0 kHz
K
0.4
0.7
CD104-151
150 @1.0 kHz
K
0.55
0.6
CD104-181
180 @1.0 kHz
K
0.62
0.6
CD104-221
220 @1.0 kHz
K
0.72
0.5
CD104-271
270 @1.0 kHz
K
0.95
0.5
CD104-331
330 @1.0 kHz
K
1.1
0.4
CD104-471
330 @1.0 kHz
K
1.53
0.4
CD104-561
330 @1.0 kHz
K
1.9
0.3


Similar Part No. - CD104

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
70Kb / 6P
CD104
logo
ECM Electronics Limited...
CD104 ECM-CD104 Datasheet
80Kb / 4P
Surface Mount Power Inductors
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
145Kb / 2P
POWER INDUCTORS
CD104B SUMIDA-CD104B Datasheet
248Kb / 5P
SMD Power Inductor
CD104BNP-100MC SUMIDA-CD104BNP-100MC Datasheet
248Kb / 5P
SMD Power Inductor
More results

Similar Description - CD104

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD104 SUMIDA-CD104 Datasheet
70Kb / 6P
CD104
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com