Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCFH1008-R18 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CCFH1008-R18
Description  CCFH1008 WIRE WOUND COIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CCFH1008-R18 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CCFH1008-R18 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.02
1.02
1.27
2.92
2.79
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CCFH1008 WIRE WOUND COIL
CCFH1008 WIRE WOUND COIL
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
SPECIFICATION
TYPE
= CCFH1008
CONSTRUCTION
= WOUND CERAMIC CHIP
TERIMAL COATING
= SILVER/GOLD FLASH
OPERATING TEMP.
= -40 TO +125 C
STORAGE TEMP
= -55 TO +155 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 2000PCS/REEL
MARKING
= NONE
NOTE
TOLERANCES G=2%; J=5%; K=10%.
Part
L
Tol
SRF
RDC IDC
(nH)
%
Min.
MAX IN
(MHz) (
)(mA)
CCFH1008-010
10 @50MHz
J,K
50 @500MHz
4100
0.08 1000
CCFH1008-012
12 @50MHz
J,K
50 @500MHz
3300
0.09 1000
CCFH1008-015
15 @50MHz
J,K
50 @500MHz
2500
0.1
1000
CCFH1008-018
18 @50MHz
J,K
50 @350MHz
2500
0.11 1000
CCFH1008-022
22 @50MHz
J,K
55 @350MHz
2400
0.12 1000
CCFH1008-027
27 @50MHz
G,J,K 55 @350MHz
1600
0.13 1000
CCFH1008-033
33 @50MHz
G,J,K 60 @350MHz
1600
0.14 1000
CCFH1008-039
39 @50MHz
G,J,K 60 @350MHz
1500
0.15 1000
CCFH1008-047
47 @50MHz
G,J,K 65 @350MHz
1500
0.16 1000
CCFH1008-056
56 @50MHz
G,J,K 65 @350MHz
1300
0.18 1000
CCFH1008-068
68 @50MHz
G,J,K 65 @350MHz
1300
0.2
1000
CCFH1008-082
82 @50MHz
G,J,K 60 @350MHz
1000
0.22 1000
CCFH1008-R10
100 @25MHz
G,J,K 60 @350MHz
1000
0.56
650
CCFH1008-R12
120 @25MHz
G,J,K 60 @350MHz
950
0.63
650
CCFH1008-R15
150 @25MHz
G,J,K 50 @100MHz
850
0.7
580
CCFH1008-R18
180 @25MHz
G,J,K 50 @100MHz
750
0.77
620
CCFH1008-R22
220 @25MHz
G,J,K 50 @100MHz
700
0.84
500
CCFH1008-R27
270 @25MHz
G,J,K 45 @100MHz
600
0.91
500
CCFH1008-R33
330 @25MHz
G,J,K 45 @100MHz
570
1.05
450
CCFH1008-R39
390 @25MHz
G,J,K 45 @100MHz
500
1.12
470
CCFH1008-R47
470 @25MHz
G,J,K 45 @100MHz
450
1.19
470
CCFH1008-R56
560 @25MHz
G,J,K 45 @100MHz
415
1.33
400
CCFH1008-R68
680 @25MHz
G,J,K 45 @100MHz
375
1.47
400
CCFH1008-R82
820 @25MHz
G,J,K 45 @100MHz
350
1.54
400
CCFH1008-1R0
1000 @25MHz
G,J,K 35 @50MHz
290
1.75
370
CCFH1008-1R2
1200 @7.9MHz
G,J,K 35 @50MHz
250
2
310
CCFH1008-1R5
1500 @7.9MHz
G,J,K 25 @50MHz
200
2.3
330
CCFH1008-1R8
1800 @7.9MHz
G,J,K 25 @50MHz
160
2.6
300
CCFH1008-2R2
2200 @7.9MHz
G,J,K 25 @50MHz
160
2.8
280
CCFH1008-2R7
2700 @7.9MHz
G,J,K 25 @25MHz
140
3.2
290
CCFH1008-3R3
3300 @7.9MHz
G,J,K 25 @25MHz
110
3.4
290
CCFH1008-3R9
3900 @7.9MHz
G,J,K 20 @25MHz
100
3.6
260
CCFH1008-4R7
4700 @7.9MHz
G,J,K 20 @25MHz
90
4
260
CCFH1008-5R6
5600 @7.9MHz
G,J,K 20 @7.9MHz
80
7
200
CCFH1008-6R8
6800 @7.9MHz
G,J,K 20 @7.9MHz
60
8
180
CCFH1008-8R2
8200 @7.9MHz
G,J,K 20 @7.9MHz
40
9.5
150
CCFH1008-100 10000 @7.9MHz G,J,K 20 @7.9MHz
25
12
100
Q Min.


Similar Part No. - CCFH1008-R18

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-011 AITCOMPONENTS-CCFH0402-011 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-012 AITCOMPONENTS-CCFH0402-012 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-015 AITCOMPONENTS-CCFH0402-015 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-019 AITCOMPONENTS-CCFH0402-019 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
More results

Similar Description - CCFH1008-R18

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0603 AITCOMPONENTS-CCFH0603 Datasheet
33Kb / 1P
CCFH0603 WIRE WOUND COIL
CCFH0805 AITCOMPONENTS-CCFH0805 Datasheet
33Kb / 1P
CCFH0805 WIRE WOUND COIL
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
Common Mode Choke Coil Wire Wound Type
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7NJ0L MURATA-LQH3NPN4R7NJ0L Datasheet
95Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com