Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCFH0805-R12 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CCFH0805-R12
Description  CCFH0805 WIRE WOUND COIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CCFH0805-R12 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CCFH0805-R12 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.02
1.02
0.76
SPECIFICATION
TYPE
= CCFH0805
CONSTRUCTION
= WOUND CERAMIC CHIP
TERIMAL COATING
= SILVER/NICKEL PLATE
OPERATING TEMP.
= -40 TO +125 C
STORAGE TEMP
= -55 TO +155 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 3000PCS/REEL
MARKING
= NONE
NOTE
TOLERANCES G=2%; J=5%; K=10%.
** = TEST FREQUENCY AS SPECIFIED IN ‘L’ COLUMN
1.70
ENG APPR.
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CCFH0805 WIRE WOUND COIL
CCFH0805 WIRE WOUND COIL
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
OF AIT COMPONENTS LTD IS
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
2.25
L
Tol
Q Min.
SRF
RDC IDC
(nH)
%
(**MHz) Min.
MAX IN
(MHz) (
)(mA)
CCFH0805-3N3 3.3 @250MHz
J,K
50
>3000 0.07
600
CCFH0805-3N9 3.9 @250MHz
J,K
50
>3000 0.08
600
CCFH0805-4N7 4.7 @250MHz
J,K
50
>3000 0.09
600
CCFH0805-5N6 5.6 @250MHz
J,K
50
>3000 0.11
600
CCFH0805-6N8 6.8 @250MHz
J,K
50
>3000 0.12
600
CCFH0805-8N2 8.2 @250MHz
J,K
45
>3000 0.15
600
CCFH0805-010
10 @250MHz
J,K
45
2700
0.19
600
CCFH0805-012
12 @250MHz
G,J,K
45
2700
0.2
600
CCFH0805-015
15 @250MHz
G,J,K
45
2500
0.21
600
CCFH0805-018
18 @250MHz
G,J,K
45
2300
0.21
600
CCFH0805-022
22 @250MHz
G,J,K
45
2200
0.22
500
CCFH0805-027
27 @250MHz
G,J,K
45
2000
0.24
500
CCFH0805-033
33 @250MHz
G,J,K
40
1900
0.27
500
CCFH0805-039
39 @250MHz
G,J,K
40
1700
0.29
500
CCFH0805-047
47 @200MHz
G,J,K
40
1500
0.31
500
CCFH0805-056
56 @200MHz
G,J,K
40
1300
0.34
500
CCFH0805-068
68 @200MHz
G,J,K
40
1200
0.38
400
CCFH0805-082
82 @150MHz
G,J,K
40
1100
0.43
400
CCFH0805-R10 100 @150MHz G,J,K
40
1050
0.46
400
CCFH0805-R12 120 @150MHz G,J,K
35
950
0.47
400
CCFH0805-R15 150 @100MHz G,J,K
35
800
0.5
400
CCFH0805-R18 180 @100MHz G,J,K
35
750
0.65
400
CCFH0805-R22 220 @100MHz G,J,K
30
630
0.7
400
CCFH0805-R27
270 @50MHz
G,J,K
30
550
0.78
400
CCFH0805-R33
330 @50MHz
G,J,K
30
500
0.86
400
CCFH0805-R39
390 @50MHz
G,J,K
30
450
0.95
400
CCFH0805-R47
470 @50MHz
G,J,K
30
425
1.06
400
CCFH0805-R56
560 @50MHz
G,J,K
30
400
1.14
400
CCFH0805-R68
680 @50MHz
G,J,K
30
350
1.33
400
CCFH0805-R75
750 @50MHz
G,J,K
30
350
1.42
400
CCFH0805-R82
820 @50MHz
G,J,K
30
325
1.58
400
Part


Similar Part No. - CCFH0805-R12

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-011 AITCOMPONENTS-CCFH0402-011 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-012 AITCOMPONENTS-CCFH0402-012 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-015 AITCOMPONENTS-CCFH0402-015 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-019 AITCOMPONENTS-CCFH0402-019 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
More results

Similar Description - CCFH0805-R12

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0603 AITCOMPONENTS-CCFH0603 Datasheet
33Kb / 1P
CCFH0603 WIRE WOUND COIL
CCFH1008 AITCOMPONENTS-CCFH1008 Datasheet
33Kb / 1P
CCFH1008 WIRE WOUND COIL
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
Common Mode Choke Coil Wire Wound Type
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7NJ0L MURATA-LQH3NPN4R7NJ0L Datasheet
95Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com