Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCFH0603-R10 Datasheet(PDF) 1 Page - AIT Components Ltd.

Part # CCFH0603-R10
Description  CCFH0603 WIRE WOUND COIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

CCFH0603-R10 Datasheet(HTML) 1 Page - AIT Components Ltd.

  CCFH0603-R10 Datasheet HTML 1Page - AIT Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.36
0.36
0.46
SPECIFICATION
TYPE
= CCFH0603
CONSTRUCTION
= WOUND CERAMIC CHIP
TERIMAL COATING
= SILVER/NICKEL PLATE
OPERATING TEMP.
= -40 TO +125 C
STORAGE TEMP
= -55 TO +155 C
INSULATION RESISTANCE = 100MOhm. 100V TERMINAL-CORE
DIELECTRIC STREGTH
= 250Vac TERMINAL-CORE
HUMIDITY EFFECTS
= L 5 @ 95%RH, 40 C, 1HR
Q 5 @ 95%RH, 40 C, 1HR
PACKAGING
= 4000PCS/REEL
MARKING
= NONE
NOTE
TOLERANCES G=2%; J=5%; K=10%.
** = TEST FREQUENCY AS SPECIFIED IN ‘L’ COLUMN
OF AIT COMPONENTS LTD IS
SCALE:1:1
SIZE DWG. NO.
A
REV.
MATERIAL
FINISH
--
DO NOT SCALE DRAWING
CCFH0603 WIRE WOUND COIL
CCFH0603 WIRE WOUND COIL
00
--
TITLE:
PROPRIETARY AND CONFIDENTIAL
STRICTLY PROHIBITED.
ANGLE +/-1 DEGREE
NAME
DATE
DRAWN
CHECKED
ENG APPR.
SHEET 1 OF 1
TWO PLACE DECIMAL +/-0.13
ONE PLACE DECIMAL +/-0.3
TOLERANCES:
DIMENSIONS ARE IN MILLIMETERS
UNLESS OTHERWISE SPECIFIED
THE INFORMATION CONTAINED IN
THIS DRAWING IS THE SOLE
PROPERTY OF AIT COMPONENTS LTD.
ANY REPRODUCTION
IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION
AIT COMPONENTS LTD
www.aitcomponents.com
1.19
0.64
L
Tol
Q Min.
SRF
RDC
IDC
(nH)
%
(**MHz) Min.
MAX IN
(MHz)
(
)(mA)
CCFH0603-1N6 1.6 @250MHz
J,K
24
12500
0.03
700
CCFH0603-1N8 1.8 @250MHz
J,K
16
12500
0.05
700
CCFH0603-3N6 3.6 @250MHz
J,K
22
5900
0.06
700
CCFH0603-3N9 3.9 @250MHz
J,K
22
6900
0.08
700
CCFH0603-4N3 4.3 @250MHz
J,K
22
5900
0.07
700
CCFH0603-4N7 4.7 @250MHz
J,K
20
5800
0.12
700
CCFH0603-5N1 5.1 @250MHz
J,K
20
5700
0.14
700
CCFH0603-6N8 6.8 @250MHz G,J,K
27
5800
0.12
700
CCFH0603-7N5 7.5 @ 250MHz G,J,K
28
4800
0.1
700
CCFH0603-8N7 8.2 @250MHz G,J,K
28
4600
0.1
700
CCFH0603-9N5 9.5 @250MHz G,J,K
28
5400
0.13
700
CCFH0603-010
10 @250MHz
G,J,K
31
4800
0.13
700
CCFH0603-011
11 @250MHz
G,J,K
33
4000
0.1
700
CCFH0603-012
12 @250MHz
G,J,K
35
4000
0.13
700
CCFH0603-015
15 @250MHz
G,J,K
35
4000
0.17
700
CCFH0603-016
16 @250MHz
G,J,K
34
3300
0.13
700
CCFH0603-018
18 @250MHz
G,J,K
35
3100
0.17
700
CCFH0603-022
22 @250MHz
G,J,K
38
3000
0.19
700
CCFH0603-024
24 @250MHz
G,J,K
37
2650
0.16
600
CCFH0603-027
27 @250MHz
G,J,K
40
2800
0.22
600
CCFH0603-030
30 @250MHz
G,J,K
37
2250
0.19
600
CCFH0603-033
33 @250MHz
G,J,K
40
2300
0.22
600
CCFH0603-036
36 @250MHz
G,J,K
38
2080
0.25
600
CCFH0603-039
39 @250MHz
G,J,K
40
2200
0.25
600
CCFH0603-043
43 @250MHz
G,J,K
39
2000
0.28
600
CCFH0603-047
47 @200MHz
G,J,K
38
2000
0.28
600
CCFH0603-056
56 @200MHz
G,J,K
38
1900
0.31
600
CCFH0603-068
68 @200MHz
G,J,K
37
1700
0.34
600
CCFH0603-072
72 @150MHz
G,J,K
34
1700
0.49
600
CCFH0603-082
82 @150MHz
G,J,K
34
1700
0.54
600
CCFH0603-R10 100 @150MHz G,J,K
34
1400
0.58
600
CCFH0603-R11 110 @150MHz G,J,K
32
1350
0.61
600
CCFH0603-R12 120 @150MHz G,J,K
32
1300
0.72
600
CCFH0603-R15 150 @150MHz G,J,K
28
990
0.92
600
CCFH0603-R18 180 @150MHz G,J,K
25
990
1.25
600
CCFH0603-R22 220 @150MHz G,J,K
25
900
2.1
600
CCFH0603-R27 270 @150MHz G,J,K
24
900
2.3
600
CCFH0603-R39 390 @150MHz G,J,K
25
700
3.7
600
Part


Similar Part No. - CCFH0603-R10

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-011 AITCOMPONENTS-CCFH0402-011 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-012 AITCOMPONENTS-CCFH0402-012 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-015 AITCOMPONENTS-CCFH0402-015 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0402-019 AITCOMPONENTS-CCFH0402-019 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
More results

Similar Description - CCFH0603-R10

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CCFH0402 AITCOMPONENTS-CCFH0402 Datasheet
29Kb / 1P
CCFH0402 WIRE WOUND COIL
CCFH0805 AITCOMPONENTS-CCFH0805 Datasheet
33Kb / 1P
CCFH0805 WIRE WOUND COIL
CCFH1008 AITCOMPONENTS-CCFH1008 Datasheet
33Kb / 1P
CCFH1008 WIRE WOUND COIL
logo
Murata Manufacturing Co...
DLW21SN900SQ2L MURATA-DLW21SN900SQ2L Datasheet
100Kb / 2P
Common Mode Choke Coil Wire Wound Type
DLW21HN900SQ2L MURATA-DLW21HN900SQ2L Datasheet
83Kb / 2P
Common Mode Choke Coil Wire Wound Type
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7NJ0L MURATA-LQH3NPN4R7NJ0L Datasheet
95Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com