Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD210BN Datasheet(PDF) 1 Page - Analog Devices

Part # AD210BN
Description  Precision, Wide Bandwidth 3-Port Isolation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD210BN Datasheet(HTML) 1 Page - Analog Devices

  AD210BN Datasheet HTML 1Page - Analog Devices AD210BN Datasheet HTML 2Page - Analog Devices AD210BN Datasheet HTML 3Page - Analog Devices AD210BN Datasheet HTML 4Page - Analog Devices AD210BN Datasheet HTML 5Page - Analog Devices AD210BN Datasheet HTML 6Page - Analog Devices AD210BN Datasheet HTML 7Page - Analog Devices AD210BN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
INPUT
POWER
SUPPLY
19
14
15
16
17
18
VO
30
29
T2
POWER
POWER
OSCILLATOR
INPUT
OUTPUT
MOD
DEMOD
FILTER
1
2
OUTPUT
POWER
SUPPLY
3
4
OCOM
+VOSS
–VOSS
AD210
PWR COM
PWR
T3
T1
–VISS
+VISS
ICOM
+IN
–IN
FB
a
Precision, Wide Bandwidth
3-Port Isolation Amplifier
AD210*
FEATURES
High CMV Isolation: 2500 V rms Continuous
3500 V Peak Continuous
Small Size: 1.00"
2.10"
0.350"
Three-Port Isolation: Input, Output, and Power
Low Nonlinearity:
0.012% max
Wide Bandwidth: 20 kHz Full-Power (–3 dB)
Low Gain Drift:
25 ppm/ C max
High CMR: 120 dB (G = 100 V/V)
Isolated Power:
15 V @
5mA
Uncommitted Input Amplifier
APPLICATIONS
Multichannel Data Acquisition
High Voltage Instrumentation Amplifier
Current Shunt Measurements
Process Signal Isolation
GENERAL DESCRIPTION
The AD210 is the latest member of a new generation of low
cost, high performance isolation amplifiers. This three-port,
wide bandwidth isolation amplifier is manufactured with sur-
face-mounted components in an automated assembly process.
The AD210 combines design expertise with state-of-the-art
manufacturing technology to produce an extremely compact
and economical isolator whose performance and abundant user
features far exceed those offered in more expensive devices.
The AD210 provides a complete isolation function with both
signal and power isolation supplied via transformer coupling in-
ternal to the module. The AD210’s functionally complete de-
sign, powered by a single +15 V supply, eliminates the need for
an external DC/DC converter, unlike optically coupled isolation
devices. The true three-port design structure permits the
AD210 to be applied as an input or output isolator, in single or
multichannel applications. The AD210 will maintain its high
performance under sustained common-mode stress.
Providing high accuracy and complete galvanic isolation, the
AD210 interrupts ground loops and leakage paths, and rejects
common-mode voltage and noise that may other vise degrade
measurement accuracy. In addition, the AD210 provides pro-
tection from fault conditions that may cause damage to other
sections of a measurement system.
PRODUCT HIGHLIGHTS
The AD210 is a full-featured isolator providing numerous user
benefits including:
High Common-Mode Performance:
The AD210 provides
2500 V rms (Continuous) and
± 3500 V peak (Continuous) common-
mode voltage isolation between any two ports. Low input
capacitance of 5 pF results in a 120 dB CMR at a gain of 100,
and a low leakage current (2
µA rms max @ 240 V rms, 60 Hz).
High Accuracy:
With maximum nonlinearity of
±0.012% (B
Grade), gain drift of
±25 ppm/°C max and input offset drift of
(
±10 ±30/G) µV/°C, the AD210 assures signal integrity while
providing high level isolation.
Wide Bandwidth:
The AD210’s full-power bandwidth of
20 kHz makes it useful for wideband signals. It is also effective
in applications like control loops, where limited bandwidth
could result in instability.
Small Size:
The AD210 provides a complete isolation function
in a small DIP package just 1.00"
× 2.10" × 0.350". The low
profile DIP package allows application in 0.5" card racks and
assemblies. The pinout is optimized to facilitate board layout
while maintaining isolation spacing between ports.
Three-Port Design:
The AD210’s three-port design structure
allows each port (Input, Output, and Power) to remain inde-
pendent. This three-port design permits the AD210 to be used
as an input or output isolator. It also provides additional system
protection should a fault occur in the power source.
Isolated Power:
±15 V @ 5 mA is available at the input and
output sections of the isolator. This feature permits the AD210
to excite floating signal conditioners, front-end amplifiers and
remote transducers at the input as well as other circuitry at the
output.
Flexible Input:
An uncommitted operational amplifier is pro-
vided at the input. This amplifier provides buffering and gain as
required and facilitates many alternative input functions as
required by the user.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
REV. A
*Covered by U.S. Patent No. 4,703,283.


Similar Part No. - AD210BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD210BN AD-AD210BN Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
List of Unclassifed Man...
AD210BN ETC2-AD210BN Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AD210BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
289J ETC1-289J Datasheet
49Kb / 1P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Texas Instruments
TL5580 TI-TL5580 Datasheet
252Kb / 12P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
Intronics Power, Inc.
289 INTRONICS-289 Datasheet
1Mb / 6P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Analog Devices
AC1059 AD-AC1059 Datasheet
301Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
AD210 AD-AD210_15 Datasheet
301Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
AD210 AD-AD210_16 Datasheet
382Kb / 9P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
logo
Analog Devices
AD289 AD-AD289 Datasheet
1Mb / 6P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com