Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES07B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ES07B
Description  Surface Mount Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ES07B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ES07B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ES07B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ES07B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Unit
Cj
pF
NOTES: 4.Pulse test:300
µs pulse width,1% duty cycle.
5.Measured at 1.0MHz and applied average voltage of 4.0V DC.
forward voltage at 1.0A
Maximum DC reverse current @TA=25℃
at rated DC blockjing voltage @TA=125℃
µA
V
IR
Typical junction capacitance (NOTE 5)
VF
Parameter
Maximum instantaneous (NOTE 4)
-
Min
-
-
-
-
-
4-
100
0.98
Max.
10
Typ.
-
ES07B-ES07D
Surface Mount Rectifiers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com