Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD260 Datasheet(PDF) 4 Page - Analog Devices

Part # AD260
Description  High Speed, Logic Isolator with Power Transformer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD260 Datasheet(HTML) 4 Page - Analog Devices

  AD260 Datasheet HTML 1Page - Analog Devices AD260 Datasheet HTML 2Page - Analog Devices AD260 Datasheet HTML 3Page - Analog Devices AD260 Datasheet HTML 4Page - Analog Devices AD260 Datasheet HTML 5Page - Analog Devices AD260 Datasheet HTML 6Page - Analog Devices AD260 Datasheet HTML 7Page - Analog Devices AD260 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD260
–4–
REV. 0
AD260BND-0
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-0
+5V
DRVCT
DRIVE
DRVB
TR
IST
ATE
LATCH
E
D
LINE 2 – OUT
TR
IST
ATE
LATCH
E
D
LINE 1 – OUT
TR
IS
TA
TE
LATCH
E
TR
IST
ATE
D
LINE 0 – OUT
13
14
9
12
10
11
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
TR
IST
ATE
LATCH
E
D
LINE 4 – OUT
TR
IST
ATE
LATCH
E
D
LINE 3 – OUT
AD260BND-1
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-1
+5V
DRVCT
DRIVE
DRVB
TRISTATE
LATCH
E
D
TRISTATE
LATCH
E
D
TRISTATE
LATCH
E
TRISTATE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
TRISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
TRISTATE
LATCH
E
D
LINE 1 – OUT
LINE 2 – OUT
LINE 3 – OUT
LINE 4 – IN
PIN CONFIGURATIONS
AD260BND-2
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
3
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-2
+5V
DRVCT
DRIVE
DRVB
TR
ISTATE
LATCH
E
D
LINE 2 – OUT
TR
ISTA
TE
LATCH
E
D
LINE 1 – OUT
TRIS
TATE
LATCH
E
TRISTA
TE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
LINE 4 – IN
TRISTA
TE
LATCH
D
E
LINE 3 – IN
TR
ISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
AD260BND-3
S0
1
F3 21
SYSTEM
FIELD
+5Vdc
5Vdc RTN
DRIVE
+5Vdc
5Vdc RTN
17V p-p OUT
CT OUT
17V p-p OUT
S1
2
S2
S3
S4
DRVA
F0
F1
F2
F4
19
20
22
15
16
18
6
7
8
4
5
AD260-3
+5V
DRVCT
DRIVE
DRVB
TRISTATE
LATCH
E
D
TRISTATE
LATCH
E
TRISTATE
D
LINE 0 – OUT
13
14
9
12
10
11
LATCH
D
E
TRISTATE
LATCH
D
E
TRISTATE
+5VdcFLD
5V RTNFLD
ENABLEFLD
PWRAFLD
PWRCTFLD
PWRBFLD
5V RTNSYS
+5VdcSYS
ENABLESYS
17
3
LATCH
D
E
TRISTATE
LINE 1 – OUT
LINE 2 – IN
LINE 3 – IN
LINE 4 – IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com