Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6011B Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6011B
Description  Solar Cell Energy Harvesting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6011B Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6011B Datasheet HTML 2Page - Micro Analog systems MAS6011B Datasheet HTML 3Page - Micro Analog systems MAS6011B Datasheet HTML 4Page - Micro Analog systems MAS6011B Datasheet HTML 5Page - Micro Analog systems MAS6011B Datasheet HTML 6Page - Micro Analog systems MAS6011B Datasheet HTML 7Page - Micro Analog systems MAS6011B Datasheet HTML 8Page - Micro Analog systems MAS6011B Datasheet HTML 9Page - Micro Analog systems MAS6011B Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DA6011B.001
18 October, 2011
7 (10)
TYPICAL APPLICATION
4.7 µF
+
–
V
BATT
3 V
MCU
Schottky
diode:
Vishay
SD103A
or similar.
VDD
GND
XPD
VDD
SOL
GND
MAS6011
LB
SW
PMOS
Figure 6. Typical application circuit of MAS6011BA1 – external PMOS transistor shunt for solar current
Figure 7. Typical application – Wireless sensor system with Time Code Reception
The system in figure 7 shows a wireless module that can receive both the AM long wave Time Code Signal as
well as measuring different physical parameters via several sensors. The information is transmitted via a low
power RF transmitter to a receiver indoors. By placing the module where the Time Code signal is strong good
reception can be accomplished also in buildings normally blocking this signal. The low power consumption of
the MAS6011 together with the energy harvesting solar cell enables this system to operate without the need for
battery replacement.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com