Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22100AT Datasheet(PDF) 3 Page - Analog Devices

Part # AD22100AT
Description  Voltage Output Temperature Sensor with Signal Conditioning
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22100AT Datasheet(HTML) 3 Page - Analog Devices

  AD22100AT Datasheet HTML 1Page - Analog Devices AD22100AT Datasheet HTML 2Page - Analog Devices AD22100AT Datasheet HTML 3Page - Analog Devices AD22100AT Datasheet HTML 4Page - Analog Devices AD22100AT Datasheet HTML 5Page - Analog Devices AD22100AT Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD22100
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V
Reversed Continuous Supply Voltage . . . . . . . . . . . . . . –10 V
Operating Temperature . . . . . . . . . . . . . . . . –50
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +160°C
Output Short Circuit to V+ or Ground . . . . . . . . . . Indefinite
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; the functional
operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied.
Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Guaranteed
Temperature
Package
Package
Model/Grade
Range
Description* Option
AD22100 KT
0
°C to 100°C
TO-92
TO-92
AD22100 KR
0
°C to 100°C
SOIC
SO-8
AD22100 AT
–40
°C to +85°C TO-92
TO-92
AD22100 AR
–40
°C to +85°C SOIC
SO-8
AD22100 ST
–50
°C to +150°C TO-92
TO-92
AD22100 SR
–50
°C to +150°C SOIC
SO-8
AD22100KChips
+25
°C
N/A
N/A
*Minimum purchase quantities of 100 pieces for all chip orders.
PIN DESCRIPTION
Mnemonic
Function
V+
Power Supply Input
VO
Device Output
GND
Ground Pin must be connected to 0 V.
NC
No Connect
PIN CONFIGURATIONS
TO-92
PIN 3
PIN 2
PIN 1
GND
VO
V+
BOTTOM VIEW
(Not to Scale)
SOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD22100
NC
NC
NC
NC
V+
NC
GND
VO
NC = NO CONNECT
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD22100 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Typical Performance Curves
50
1200
0
100
150
200
800
400
FLOW RATE – CFM
(SOIC)
250
(T0-92)
Figure 3. Thermal Resistance vs. Flow Rate
Figure 2. Thermal Response vs. Flow Rate
2
1200
4
0
8
6
10
12
14
800
400
T (T0-92)
FLOW RATE – CFM
T (SOIC)
16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com