Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL60 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL60
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL60 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL60 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL60 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*Silicon Epitaxial Planner Diode
*Low Reverse Current and Low Forward Voltage
*Low Current Rectification and High Speed Switching
*Case : MINI-MELF Glass Case (SOD-80)
*Polarity: Color Band Denotescathode Band
*Weight : Approx 0.05 gram
*High Reliability
*Used in Recorder, Radio, TV, Telephone as Detectors
30-50 mAMPERES
40-45 VOLTS
LL60/LL60P
Schottky Barrier Diodes
Maximum Ratings ( TA=25 C Unless otherwise noted)
Characteristic
Pepetitive Peak Reverse Voltage
Symbol
VRRM
IFSM
LL60
LL60P
Unit
V
mA
TJ TSTG
-65 to +125
Electrical Characteristics ( TA=25 C Unless otherwise noted)
Characteristic
Symbol
Min
Tpy
Max
Unit
V
Reverse Recovery Time
IR
IF=1 mA
Irr=1 mA,
IF=30 mA
IF=I =1mA ,
IF=200 mA
VF
IF
A
m
C
Forward Voltage
Cj
PF
Forward Continuous Current, T =25 C
Non-Repetitive Peak Forward Surge Current
Operating and Strorage Temperature Range
,
40
150
30
50
500
45
LL60
LL60P
LL60
LL60P
LL60
LL60P
LL60
LL60P
Junction Capacitance
Rverse Current
VR=15V
Rc=100
VR=1V, f=1MHz
VR=10V, f=1MHz
Trr
0.32
0.24
0.65
0.65
0.1
0.5
2.0
R
6.0
1.0
0.5
1.0
0.5
0.5
1.0
1.0
uA
nS
-
-
-
-
-
-
-
-
-
-
-
-
@t=1S
A
3.4
+0.3
-0.1
0.4± 0.1
Cathode indification
MINI-MELF
Dimension in millimeters
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LL60

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
LL60 WEITRON-LL60 Datasheet
185Kb / 3P
Schottky Barrier Diodes
logo
Jinan Jingheng (Group) ...
LL60 JINANJINGHENG-LL60 Datasheet
97Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
LL60 MCC-LL60 Datasheet
400Kb / 3P
Schottky Barrier Rectifier
logo
Tak Cheong Electronics ...
LL60 TAK_CHEONG-LL60 Datasheet
321Kb / 3P
500 mW Surface Mount LL-34 Hermetically Sealed Glass Small Signal Schottky Diode
logo
Gaomi Xinghe Electronic...
LL60 GXELECTRONICS-LL60 Datasheet
457Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
More results

Similar Description - LL60

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com