Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3KB2M Datasheet(PDF) 1 Page - Dc Components

Part # D3KB2M
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

D3KB2M Datasheet(HTML) 1 Page - Dc Components

  D3KB2M Datasheet HTML 1Page - Dc Components D3KB2M Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Maximum Average Forward Rectified output Current
@Tc=100oC (with heatsink)
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IF(AV)
IFSM
VRMS
Volts
Volts
Amps
2.0
35
Amps
UNITS
Volts
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
VF
IR
1.1
500
Maximum Forward Voltage Drop per element at 2.0A DC
Volts
@TJ = 25
oC
@TJ = 125
oC
10
µAmps
I2t Rating for Fusing (t<8.3ms)
I2t
3.5
A2Sec
Typical Thermal Resistance without heatsink
R
θJA
55
0
C/W
Typical Thermal Resistance with heatsink
R
θJC
1.5
0
C/W
Typical Thermal Resistance without heatsink
R
θJL
15
0
C/W
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MECHANICAL DATA
Operating Temperature Range
TJ
-55 to +150
C
0
Storage Temperature Range
TSTG
-55 to +150
0C
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Glass passivated junction
* High case dielectronic strength
* High surge current capability Ideal for printed circuit board
D3K
Dimensions in inches and (millimeters)
D3KB
D3KB
D3KB
D3KB
D3KB
D3KB
D3KB
2A
2B
2D
2G
2J
2K
2M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
.555(14.1)
.531(13.5)
.043(1.1)
.059(1.5)
.043(1.1)
.049(1.25)
.041(1.05)
.034(0.86)
.026(0.66)
.162(4.11)
.138(3.51)
SPACING
.134(3.4)
.122(3.1)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.024(0.6)
.016(0.4)
.094(2.4)
.071(1.8)
.024
(0.6)
.055(1.4)
.039(1.0)
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 2.0 Amperes
D3KB2A
THRU
D3KB2M
* Weight: 1.35 gram


Similar Part No. - D3KB2M

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D3KB2 BYTESONIC-D3KB2 Datasheet
192Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.0 2014/11/10
logo
DONGGUAN YOU FENG WEI E...
D3KB2 YFWDIODE-D3KB2 Datasheet
461Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Leshan Radio Company
D3KB20 LRC-D3KB20 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
D3KB20 ZSELEC-D3KB20 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D3KB20 WTE-D3KB20 Datasheet
51Kb / 4P
3.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - D3KB2M

ManufacturerPart #DatasheetDescription
logo
Dc Components
MMB2505 DCCOM-MMB2505 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB2505W DCCOM-MMB2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB3505 DCCOM-MMB3505 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MP6005 DCCOM-MP6005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MP8005 DCCOM-MP8005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MP10005 DCCOM-MP10005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
TBL005 DCCOM-TBL005 Datasheet
230Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
B05AF DCCOM-B05AF Datasheet
42Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
D3KB4A DCCOM-D3KB4A Datasheet
33Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
D3KB6A DCCOM-D3KB6A Datasheet
33Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com