Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C02 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24C02
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C02 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24C02 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C02 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ACE24C02/04/08/16B
Two-wire Serial EEPROM
VER 1.3
1
Description
The ACE24C02/04/08/16B provides 2048/4096/8192/16384 bits of serial electrically erasable and programmable
read-only memory (EEPROM) organized as 256/512/1024/2048 words of 8 bits each. The device is optimized for use
in many industrial and commercial applications where low-power and low-voltage operation are essential. The
ACE24C02/04/08/16B is available in space-saving 8-lead PDIP, 8-lead SOP, 8lead MSOP, 8-lead TSSOP, 8-pad DFN,
and SOT23-5 packages and is accessed via a two-wire serial interface.
Features
 Wide Voltage Operation Vcc=1.8V to 5.5V
 Operating Ambient Temperature -40℃~85℃
 Internally Organized: ACE24C02B 256*8 (2K bits) / ACE24C04B 512*8 (4K bits) / ACE24C08B
1024*8 (8K bits) / ACE24C16B 2048*8 (16K bits)
 Two-wire Serial Interface
 Schmitt Trigger, Filtered Inputs for Noise Suppression
 Bidirectional Data Transfer Protocol
 1MHz(5V), 400kHz(1.8V,2.5V,2.7V)Compatibility
 Write Protect Pin for Hardware Data Protection
 8-byte Page (2K),16-byte Page (4K,8K,16K) Write Modes
 Partial Page Writes Allowed
 Self-timed Write Cycle (5ms max)
High-reliability - Endurance: 1,000,000 Write Cycles
- Data Retention: 100 Years
Absolute Maximum Ratings
DC Supply Voltage
-0.3 to 6.5V
Input / Output Voltage
GND-0.3V to VCC+0.3V
Operating Ambient Temperature
-40℃ to 85℃
Storage Temperature
-65℃ to 150℃
*Notice: Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of this specification are not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ACE24C02

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C02 ACE-ACE24C02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C02A ACE-ACE24C02A Datasheet
279Kb / 14P
Two-wire Serial EEPROM
VER 1.2
ACE24C02ADP+TH ACE-ACE24C02ADP+TH Datasheet
279Kb / 14P
Two-wire Serial EEPROM
VER 1.2
ACE24C02ADP+UH ACE-ACE24C02ADP+UH Datasheet
279Kb / 14P
Two-wire Serial EEPROM
VER 1.2
ACE24C02ADPTH ACE-ACE24C02ADPTH Datasheet
619Kb / 15P
Two-wire Serial EEPROM
VER 1.4
More results

Similar Description - ACE24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24LC02BN+ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com