Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24C02B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24C02B
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C02B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C02B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C02B Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ACE24C02/04/08/16B
Two-wire Serial EEPROM
VER 1.3
6
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VOL2
Output Low Level
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VOL1
Output Low Level
VCC = 1.8V, IOL = 0.15 mA
0.2
V
AC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and 100
pF (unless otherwise noted).
Symbol
Parameter
1.8-volt
3.6-volt
Units
Min Typ Max Min Typ Max
fSCL
Clock Frequency, SCL
400
1000
kHz
TLOW
Clock Pulse Width Low
1.2
0.6
µs
THIGH
Clock Pulse Width High
0.6
0.4
µs
TAA
Clock Low to Data Out Valid
0.05
0.9 0.05
0.55
µs
TBUF
1
Time the bus must be free before a new
transmission can Start
1.2
0.5
µs
THD.STA
Start Hold Time
0.6
0.25
µs
TSU.STA
Start Setup Time
0.6
0.25
µs
THD.DAT
Data In Hold Time
0
0
µs
TSU.DAT
Data In Setup Time
100
100
ns
TR
Inputs Rise Time
0.3
0.3
µs
TF
Inputs Fall Time
300
100
ns
TSU.STO
Stop Setup Time
0.6
0.25
µs
TDH
Data Out Hold Time
50
50
ns
TWR1
Write Cycle Time (for 04B/16B)
3.3
5
3.3
5
ms
TWR1
Write Cycle Time (for 02B/08B)
1.5
5
1.5
5
ms
Endurance
5.0V, 25℃, Page Mode
1,000,000
Write
Cycles
Notes:1. This parameter is characterized and not 100% tested.
2.AC measurement conditions:
RL (connects to Vcc): 1.3kΩ(2.5V,5V),10kΩ(1.8V)
Input pulse voltages: 0.3 Vcc to 0.7 Vcc
Input rise and fall times: ≦50 ns
Input and output timing reference voltages: 0.5Vcc
The value of RL should be concerned according to the actual loading on the user’s system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com