Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE431S Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE431S
Description  Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431S Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE431S Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431S Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACE431S
Adjustable Precision Shunt Regulator
VER 1.4
2
Packaging Type
SOP-8
SOT-23-3
SOT-23-3(A)
SOT-89-3
3
3
1
8
2
7
3
6
4
5
1
2
1
2
1
2
3
SOT-23-5L
TO-92
5
4
3
2
1
1
2
3
Description
SOP-8
SOT-23-3
SOT-23-3(A)
SOT-89-3
SOT-23-5L
TO-92
Cathode
1
2
1
3
3
3
Anode
2.3.6.7
3
3
2
5
2
NC
4.5
1.2
Ref
8
1
2
1
4
1
Ordering information
ACE431S X XX + H
BM : SOT-23-3
BMA : SOT-23-3(A)
BN : SOT-23-5L
AM : SOT-89-3
EP : TO-92
FM : SOP-8
Pb-free
Reference Voltage accuracy :
A : 0.5%
B : 1%
C : 2%
Halogen-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com