Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE507C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE507C
Description  200mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE507C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE507C
200mA Low Consumption Linear Regulator
VER 1.2
3
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
6
V
Ambient Temperature
-40
85
℃
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
6
V
Output Voltage
VOUT
Vout*
0.98
Vout*
1.02
V
Maximum Output
Current
IOUT(Max.)
VIN-VOUT=1V
200
mA
Input-Output
Voltage
Differential
Dropout
Voltage
IOUT=100
mA
Vout≦1.8V
600
1000
mV
Vout≧1.8V
300
600
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
IOUT=10mA
1.5V≦VIN≦8A
0.2
0.3
%/V
Load Regulation
ΔV
OUT
VIN=Set Vout+1V
1mA≦IOUT≦100mA
20
40
mV
Quiescent
Current
Iq
VIN=Set Vout+1V
1.0
5.0
uA
Output Voltage
Temperature
Coefficient
ΔV
OUT /
ΔT•V
OUT
IOUT=10mA
100
ppm/℃
Typical Application Circuit
ACE507C
Vin
Vin
Vout
Vout
GND
+
1uF
+
1uF
Cin
Cout
Note 1. Input capacitor (Cin=1uF) is recommended in all application circuit. Tantalum capacitor is recommended.
2. Output capacitor (Cout=1uF) is recommended in all application to assure the stability of circuit. Tantalum capacitor is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com