Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE605 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE605
Description  Ultra Low Dropout 2A CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE605 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE605 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE605
Ultra Low Dropout 2A CMOS LDO
VER 1.3
2
Description
Function
EN
Chip ENABLE Control Input. Logic enable On logic 3.3V/5V. Note that the device will be in
the unstable state if the pin is not connected
VIN
Supply Input
GND
Common Ground
VOUT
Regulator Output
ADJ
The output voltage is set by the
internal feedback resistors when this pin grounded. If
external feedback resistors are applied, the output voltage will be:
Vout=0.6*(1+R1/R2)Volts
Pin Description
ACE605 X X XX + H
Voltage output :
I : 1.05V/ADJ
J : 1.2V/ADJ
K : 1.8V/ADJ
L : 2.5/ADJ
Package and pins type :
1 : with power pad, pinsout 1
2 : with power pad, pinsout 2
3 : without power pad, pinsout 1
4 : without power pad, pinsout 2
Pb - free
FM : SOP-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com