Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE52510BM+H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE52510BM+H
Description  300mA High PSRR, Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE52510BM+H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE52510BM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE525
300mA High PSRR, Linear Regulator
VER 1.3
2
Note: Heat Sink Area of PCB for DFN1x1-4 is recommended at least 2.5mmx4mm. Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
SC-70-5
DFN1*1-4
SOT-23-3
SOT-23-5
5
4
4
3
3
1
2
3
1
2
1
2
Thermal Pad: VSS
Ordering information
ACE525 XX XX
+
H
SC-70-5
SOT-23-5
DFN1*1-4
SOT-23-3
Description
Function
5
5
1
2
VOUT
Output pin
1
1
4
3
VDD
Input pin
2
2
2
1
GND
Ground pin
3
3
3
CE
Chip Enable pin
4
4
NC
No Connection
HN: SC-70-5
BN: SOT-23-5
IN: DFN1*1-4
BM : SOT-23-3
Output Voltage:1.0V
…..4.4V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com