Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL-STRIPE Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # OL-STRIPE
Description  The light source of the OL-Stripe series is suggested the Everlight LED T5 Cobra light tube.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

OL-STRIPE Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  OL-STRIPE Datasheet HTML 1Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 2Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 3Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 4Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATASHEET
Office Lighting
Stripe
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : 5.5.2011. Issue No:
DBM-0000066 _v3.
www.everlight.com
Coding of Part Number:
OL – Stripe / ML2 / P11
1
2
3
4
1. Product series
4. Estimated Power Consumption
OL: Office Lighting
P11: 11W (For ML2 only)
2. Luminaire Type
P17: 17W (For ML3 only)
Stripe: Cobra simple fixture series
P23: 23W (For ML4 only)
3. Suitable Lighting Source
ML2: 10w T5 Cobra x1
ML3: 15w T5 Cobra x1
ML4: 20w T5 Cobra x1
Parameter
Description
Suggested Light Source
Everlight Cobra Module
Operation Temperature
-20
℃~+40℃
Storage Temperature
-20
℃~+60℃
Power Input
100~240 VAC Input
Estimated Power Consumption
11 Watt For ML2
17 Watt For ML3,
23 Watt For ML4
Power Supplier
AC to DC power source
Power Factor
100V AC/60Hz, PF>0.9
230V AC/50Hz, PF>0.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com