Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ASD/883B Datasheet(PDF) 15 Page - Analog Devices

Part # AD2S80ASD/883B
Description  Variable Resolution, Monolithic Resolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASD/883B Datasheet(HTML) 15 Page - Analog Devices

Back Button AD2S80ASD/883B Datasheet HTML 8Page - Analog Devices AD2S80ASD/883B Datasheet HTML 9Page - Analog Devices AD2S80ASD/883B Datasheet HTML 10Page - Analog Devices AD2S80ASD/883B Datasheet HTML 11Page - Analog Devices AD2S80ASD/883B Datasheet HTML 12Page - Analog Devices AD2S80ASD/883B Datasheet HTML 13Page - Analog Devices AD2S80ASD/883B Datasheet HTML 14Page - Analog Devices AD2S80ASD/883B Datasheet HTML 15Page - Analog Devices AD2S80ASD/883B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD2S80A
REV. A
–15–
13
30
1
2
40
39
5
6
7
36
35
34
3
4
38
37
833
932
10
31
11
12
29
28
14
27
15
26
16
25
17
24
18
23
19
22
20
21
TOP VIEW
(Not to Scale)
AD2S80A
1M
Ω
4.7M
Ω
15k
Ω
2.2nF
100k
Ω
100nF
2.2nF
15k
Ω
100nF
MSB
LSB
DATA
OUTPUT
+12V
SIN HIGH
SIN LOW
COS LOW
REF LOW
COS HIGH
REFERENCE
INPUT
RESOLVER
SIGNALS
PIN 1
39
k
Ω
110
k
Ω
180k
Ω
1.5
nF
6.8
nF
68
Ω
470pF
100nF
VELOCITY
O/P
–12V
0V
RIPPLE CLOCK
DIRECTION
BUSY
DATA/LOAD
SC2
INHIBIT
BYTE SELECT
ENABLE
100nF
+5V
Figure 8. Typical Circuit Configuration
360
0
20
90
45
4
180
135
225
270
315
16
12
8
TIME – ms
24
Figure 9. Large Step Response Curves for Typical Circuit
Shown in Figure 8
10M
10k
–40
1M
100k
–20
120
100
80
60
40
20
0
TEMPERATURE –
°C
Figure 10. AD2S80A MTBF Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com