Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE809 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE809
Description  3-Pin Microprocessor Reset Circuits
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE809 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACE809
3-Pin Microprocessor Reset Circuits
VER 1.3
3
Electrical Characteristics
Vcc=5V for L/M/J ;3.3V for T/S ;3.0V for R ,TA = 25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Vcc
2.0
5.5
V
Supply Current
Icc
7
10
uA
Reset Threshold
VTH
ACE809-4.63
ACE809-4.38
ACE809-4.00
ACE809-3.08
ACE809-2.93
ACE809-2.63
ACE809-2.3V
4.51
4.27
3.90
3.00
2.85
2.56
2.18
4.63
4.38
4.00
3.08
2.93
2.63
2.25
4.75
4.49
4.10
3.16
3.00
2.70
2.33
V
Reset Threshold Temperature Coefficient
(4)
30
ppm/
Vcc to Reset Delay Vcc=VTH to
(VTH-100mV)
20
usec
Reset Active Timeout Period
150
msec
RESET Output Voltage Low
VOL
ISINK=3mA
0.4
V
RESET Output Voltage High
VOH
ISOURCE=800uA 0.8Vcc
V
Typical Performance Characteristics
Vth vs. Temperature
T-delay vs. Temperature
Temperature (℃)
Temperature (℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com