Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1117 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1117
Description  1A Positive Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1117 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE1117
1A Positive Voltage Regulators
VER 1.4
3
Thermal
Protection
OTP
175
℃
RMS Output
Noise
VN
TA=25℃, 10Hz≦f≦100kHz
0.003
%VO
Ripple Rejection
Ratio
RA
f=120Hz, COUT=22uF (Tantalum),
(VIN-VOUT)=3V, IOUT=10mA
55
dB
Note1: Low duty cycle pulse testing with which TJ remains unchanged.
2: The IQ of ACE1117-1.5 is 1.2mA (Typ.)
3: The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input
Typical Application
Adjustable Voltage Regulator
Vin>=3.0V
ACE1117
Vout=1.5V
Vin
Vout
ADJ
R1
Cin
124ohm
Cout
10uF
22uF
R2
24.9ohm
VOUT=VREF * (1+R2/R1)+IADJ * R2
ACE1117-3.3
Fixed Voltage Regulator
Application Hints
The typical Linear regulator would require external capacitors to ensure stability. However, ACE1117 is
designed in such a way that these external capacitor can be omitted if the PCB layout is tight and system
noise is not very high. For better transient and PSRR performance, the Input and Output capacitors are still
recommended.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com