Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2304 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2304
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2304 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2304 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2304 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE2304
N-Channel Enhancement Mode MOSFET
VER 1.3
2
Packaging Type
SOT-23-3
3
1
2
Ordering information
ACE2304 XX
+
H
Electrical Characteristics
TA=25℃, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250 uA
30
V
Gate Threshold Voltage
VGS(th)
VD=VGS, ID=250uA
1.5
1.7
3.0
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=30V, VGS=1.0V
1
uA
VDS=30V, VGS=0V TJ=55℃
10
On-State Drain Current
ID(ON)
VDS≧4.5V, VGS=10V
6
A
VDS≧4.5V, VGS=4.5V
4
Drain-Source
On-Resistance
RDS(ON)
VGS=10V, ID=3.2A
0.050
0.065
Ω
VGS=4.5V, ID=2.0A
0.065
0.090
Forward Transconductance
gfs
VDS=4.5V,ID=2.5A
4.6
S
Diode Forward Voltage
VSD
IS=1.25A, VGS=0V
0.82
1.2
V
SOT-23-3
Description
1
Gate
2
Source
3
Drain
BM : SOT-23-3
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com