Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3413 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE3413
Description  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3413 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE3413 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3413 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3413 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3413 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3413 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3413 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3413 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE3413
P-Channel Enhancement Mode MOSFET
VER 1.4
3
Input Capacitance
Ciss
VDS=-6V, VGS=0V,
f=1MHz
485
pF
Output Capacitance
Coss
85
Reverse Transfer Capacitance
Crss
40
Turn-On Time
td(on)
VDD=-6V, RL=6Ω
ID≡-1.0A, VGEN=-4.5V
RG=6Ω
10
16
ns
tr
13
23
Turn-Off Time
td(off)
18
25
tf
15
20
Typical Characteristics
Output Characteristics
Transfer Characteristics
VDS – Drain to Source Voltage (V)
VGS – Gate to Source Voltage (V)
On-Resistance vs. Drain Current
Capacitance
ID – Drain Current (A)
VDS – Drain to Source Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com