Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5801 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5801
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5801 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5801 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5801 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5801 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5801 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5801 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE5801
P-Channel Power MOSFET
VER 1.2
1
Description
The ACE5801 uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltage.
. This device is suitable for use as a load switching application and a wide variety of other applications.
Features
Advanced trench MOSFET process technology
Ultra low on-resistance with low gate charge
Applications
PWM application
Load switch
Battery charge in cellular handset
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Drain Current-Continuous
ID
-16
A
Drain Current-Pulsed (note 1)
IDM
-65
Power Dissipation (note 2, TA=25℃)
PD
2.5
W
Maximum Power Dissipation (note 3, TC=25℃)
18
Thermal Resistance from Junction to Ambient (note 4)
RθJA
50
℃/W
Thermal Resistance from Junction to case (note 4)
RθJC
6.9
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~150
Packaging Type
DFNWB2*2-6L


Similar Part No. - ACE5801

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5801 ACE-ACE5801_14 Datasheet
410Kb / 5P
P-Channel Power MOSFET
VER 1.2
More results

Similar Description - ACE5801

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com