Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4054IM+H Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE4054IM+H
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054IM+H Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE4054IM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 15Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 16Page - ACE Technology Co., LTD. ACE4054IM+H Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
13
The ACE4054 can be used above 45℃ ambient, but the charge current will be reduced from 400mA.
The approximate current at a given ambient temperature can be approximated by:
Using the previous example with an ambient temperature of 60℃, the charge current will be reduced to
approximately:
Moreover, when thermal feedback reduces the charge current, the voltage at the PROG pin is also
reduced proportionally as discussed in the operation section.
It is important to remember that ACE4054 applications do not need to be designed for worst-case
thermal conditions sine the IC will automatically reduce power dissipation when the junction temperature
reached approximately 120℃.
Thermal Considerations
Due to its compact size, it is of great importance to use a good thermal PC board. Good thermal
conduction increases maximum allowed charge current value.
The thermal path for the heat generated by the IC is from the die to the copper lead frame, through the
package leads, (especially the ground lead) to the PC board copper. The PC board copper is the heat
sink. The footprint copper pads should be as wide as possible and expand out to larger copper areas to
spread and dissipate the heat to the surrounding ambient. Feedthrough vias to inner or backside copper
layers are also useful in improving the overall thermal performance of the charger. Other heat sources on
the board, not related to the charger, must also be considered when designing a PC board layout
because they will affect overall temperature rise and the maximum charge current.
Increasing Thermal Regulation Current
Reducing the voltage drop across the internal MOSFET can significantly decrease the power dissipation
in the IC. Minimized power dissipation results in reduced die temperature rise and hence equivalent
increased charge current in thermal regulation. One way is to bypass some of the current through an
external component, such as a resistor or diode.
Example: An ACE4054 operating from a 5V wall adapter is programmed to supply 600mA full-scale
current to discharged Li-Ion battery with a voltage of 3.75V. Assuming
θJA is 125℃ / W, the approximate
charge current at an ambient temperature of 25℃ is:
By dropping voltage across a resistor in series with a 5V wall adapter (shown in Figure 3), the on-chip
power dissipation can be decreased, thus increasing the thermally regulated charge current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com