Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5372FM+H Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE5372FM+H
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372FM+H Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE5372FM+H Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 20Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 21Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 22Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372FM+H Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
21
According to this standard, the best CL is chosen to adjust frequency and clock frequency. For example:
if the frequency is on the higher side, it can be lowed by attaching a CGOUT capacitor.
*CGOUT=0~15pF
Time Trimming Circuit
Using the time trimming circuit gain or lose of clock may be adjusted with high precision by changing
clock pulses for one second every 20 seconds.
1.When oscillation frequency
*1 > target frequency*2(clock gain)
Adjustment amount
*3
=
= (Oscillation frequency
– Target frequency) x 10 +1
*1) Oscillation frequency: Clock frequency output from the
INTRB pin
*2) Target frequency: TYP. 32.768KHz to 32.000KHz
*3) Adjustment amount: A value to be set finally to F6 to F0 bits. This value is expressed in 7 bit binary
digits with sign bit (two’s compliment).
2.When oscillation frequency = target frequency (no clock gain or loss)
Set the adjustment value to 0 or +1, or
–64, or –63 to disable adjustment.
3.When oscillation frequency < target frequency (clock losses)
Adjustment amount
=
=
(Oscillation frequency
– Target frequency) x 10
ACE5372
)
20
*
arg
(
2
*
)
1
.
0
arg
(
y
etFrequenc
T
nFrequency
Oscillatio
y
etFrequenc
T
Frequency
Oscilation
)
20
*
arg
(
2
*
)
arg
(
y
etFrequenc
T
nFrequency
Oscillatio
y
etFrequenc
T
Frequency
Oscilation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com