Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7401 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7401
Description  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7401 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7401 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7401 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7401 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7401 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7401 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7401 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7401 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE7401
P-Channel Enhancement Mode MOSFET
VER 1.3
2
Packaging Type
SOT-323
3
1
2
Ordering information
ACE7401 XX + H
Electrical Characteristics
TA=25℃, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.4
-1.0
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-24V, VGS=0V
-1
uA
VDS=-24V, VGS=0V TJ=85℃
-5
On-State Drain Current
ID(ON)
VDS=-5V, VGS=-4.5V
-4
A
Drain-Source
On-Resistance
RDS(ON)
VGS=-10V, ID=-2.8A
0.105
0.115
Ω
VGS=-4.5V, ID=-2.5A
0.125
0.135
VGS=-2.5V, ID=-1.5A
0.155
0.170
VGS=-1.8V, ID=-1.0A
0.210
0.240
Forward
Transconductance
Gfs
VDS=-10V,ID=-2.8A
4
S
Diode Forward Voltage
VSD
IS=-1.2A, VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
VDS=-15V, VGS=-4.5V, ID=-2.0A
5.8
nC
Gate-Source Charge
Qgs
0.8
SOT-323
Description
1
Gate
2
Source
3
Drain
Halogen - free
CM : SOT-323
Pb - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com