Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD25PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLD25PC
Description  Intel Atom D525 Dual Core, 1.80GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLD25PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLD25PC Datasheet HTML 1Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 2Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCI/104-Express
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADLD25PC - Intel® Atom™ D525 Dual Core, 1.80GHz
Item Code
Part #
Description
ADLD25PC-525
292500
Intel Atom Dual Core CPU D525, 1.80GHz
Memory
DDR3-DRAM1024-S
997025
DDR3-1066 1GB Standard Temperature
DDR3-DRAM2048-S
997125
DDR3-1066 2GB Standard Temperature
DDR3-DRAM4096-S
997345
DDR3-1066 4GB Standard Temperature
DDR3-DRAM-1024-EX
997027
DDR3-1066 1GB Extended Temperature
DDR3-DRAM-2048-EX
997127
DDR3-1066 2GB Extended Temperature
DDR3-DRAM-4096-EX
997430
DDR3-1066 4GB Extended Temperature
Options and Accessories
ADLD25PC-mPCIe
292530
Mini-PCIe option
ADL-ET
290000
Extended Temp Screen (-40º to +85º C)
ADLD25PC-CK
292520
Standard Cable kit for ADLD25PC
STANDOFF-MSS
293406
.6” (15.24mm), PC/104 M3, Precision Milled
Stand-Offs
STANDOFF-1"M3
293436
1” (25.4mm), PC/104 M3, Precision Milled
Stand-Offs
Thermal Solutions
ADLD25PC-SP0600
292513
0.600” Heat Spreader for ADLD25PC
ADLD25PC-SP1000
292514
1.000” Heat Spreader for ADLD25PC
ADLD25PC-FANSINK
292511
Heatsink / Fan combo for ADLD25PC
ADLD25PC-PASSIVELP 292512
Passive LP for ADLD25PC
For the above two Thermal Solutions, ADL recommends Stand-Off part #’s 293406
or 293436 (qty. 4 each)
The ADLD25PC features the Intel Atom D525 processor which is designed for a two-
chip platform as opposed to the traditional three-chip platforms requiring a CPU,
GMCH and ICH. The Atom D525 processor accomplishes this by locally integrating
the graphics and memory controller functions of a traditional GMCH. The processor
interfaces to the ICH9M-E, which is also used on the ADLGS45PC and provides
similar PCI/104-Express I/O bandwidth necessary to enable performance-based
rugged, portable and thermally constrained applications. The D525 have an Intel
rated Thermal Design Power (TDP) maximum of 10 to 13 Watts; and an Intel idle
TDP of 4 to 4.8 Watts. TDP refers to how much heat annotated in Watts a thermal
solution must be able to dissipate while keeping the processor below its maximum
die temperature.
The ADLD25PC is ideal for rugged and mobile applications where power consump-
tion is critical. These jobs include deeply embedded enclosures for industrial appli-
cations, as well as rugged portable applications such as transceivers for tactical
communication, GIS mapping, night vision applications, railway and other applica-
tions that often use battery-type power sources.
In addition to the wide range of rugged, extended temperature or harsh environment
applications in which the ADLD25PC can excel, it also supports a healthy set of
features. The ADLD25PC has a discrete 16-bit digital I/O port as well as a separate
LPT port. The ADLD25PC also has four COM ports. While two of the ports support
RS232, the other two are configurable to RS232 or 4-wire RS422/485. 2x SATA with
RAID support, 8x USB2.0, and bottom-stacking PCI express 4 x1 lanes are just a few
of the available features. The ADLD25PC has an option for the PCIe Mini Socket to
be added for expandability, (i.e. Wi-Fi / Bootable Flash Drive).
ADL Embedded Solutions offers highly effective active and passive thermal solutions
designed for this product. Contact your sales representative for more information
.
Ordering Information
Description
Features
• Intel Atom Dual Core Processor D525, 1.80GHz
• Up to 4GB DDR3-800 DRAM SoDIMM204
• Type 2 Bottom-Stacking PCI/104 Express – 4 x1 Lanes
• 2x SATA 300 Ports
• 1x 10/100/1000Mbit Ethernet LAN Port
• 4x COM Ports - 2x RS232 Ports, 2x RS232/422/485 Ports
• 8x USB2.0 Ports
• Onboard VGA and LVDS Ports
• Hardware Monitor
• Watchdog Timer
• Windows XP, Windows CE
• 7.1 HD Audio
• 16bit GPIO Port
• Operating Range -25° to +70º C (-40º to +85º C available - call
sales for details )
• 3.6” x 3.8” (90mm x 96mm) PCI/104-Express v1.0a Form Factor
• Optional PCIe Mini Socket


Similar Part No. - ADLD25PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
343Kb / 4P
D525 Dual Core, 1.80GHz
ADLD25PC-525 ADL-ADLD25PC-525 Datasheet
343Kb / 4P
D525 Dual Core, 1.80GHz
ADLD25PC-CK ADL-ADLD25PC-CK Datasheet
343Kb / 4P
D525 Dual Core, 1.80GHz
ADLD25PC-mPCIe ADL-ADLD25PC-mPCIe Datasheet
343Kb / 4P
D525 Dual Core, 1.80GHz
ADLD25PC-PASSIVELP ADL-ADLD25PC-PASSIVELP Datasheet
343Kb / 4P
D525 Dual Core, 1.80GHz
More results

Similar Description - ADLD25PC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
Embedded Motherboard with Intel Atom N455/D525 Processor
logo
Protech Systems Co., Lt...
BPC-8960 PROTECHSYSTEMS-BPC-8960 Datasheet
327Kb / 2P
Slim Dual Core Atom D525 Book Size PC
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7541 ETC2-FW-7541 Datasheet
193Kb / 2P
Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
FW-7568 ETC2-FW-7568 Datasheet
196Kb / 2P
Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
LEC-2110P ETC2-LEC-2110P Datasheet
249Kb / 2P
Fanless Industrial PC w/ Dual Core Intel Atom D525 1.8GHz CPU
IBOX280 ETC2-IBOX280 Datasheet
730Kb / 1P
Intel Cedarview Atom N2800 Dual Core 1.86GHz
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
Advantech Co., Ltd.
ARK-2120F ADVANTECH-ARK-2120F_16 Datasheet
1Mb / 2P
Intel Atom Dual Core D2550
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC_18 Datasheet
343Kb / 4P
D525 Dual Core, 1.80GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com