Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLGS45PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLGS45PC
Description  Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLGS45PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLGS45PC Datasheet HTML 1Page - ADL Embedded Solutions ADLGS45PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PCI/104-Express
Data subject to change without notice
Embedded Solutions
ADLGS45PC - Intel® CoreTM 2 Duo / Celeron® M 1.20GHz - 2.26GHz
Features
Intel® Celeron® M / CoreTM 2 Duo (SFF)
Intel® GS45 / ICH9M-E Chipset
Up to 4GB DDR3-1066MHz DRAM
2x 10/100/1000Mbit LAN Controllers
CRT / LVDS Interface Onboard
4x SATA 3Gb/s with RAID Support
8x USB2.0 Ports
COM1, COM2, LPT1
SM Bus Interface
RTC and Watchdog Timer
8 Channel High Definition Audio
Hardware Monitoring
PCI/104-Express v1.0
Description
The ADLGS45PC is based on the Intel® CoreTM 2 Duo / Celeron® M
Small Form Factor (SFF) processors and the Intel® GS45 Express
(CantigaTM) chipset. Built on the 45nm process, the ADLGS45PC sets a
superior performance standard in an embedded PCI/104-Express form
factor. The Intel® CoreTM 2 Duo SFF and Celeron® M SFF processors
guarantee the benefits of genuine Intel® architecture to small form factor
and thermally constrained markets. The Intel® GS45 Express GMCH
coupled with the Intel® ICH9M-E I/O controller hub offers an impressive
list of high performance features that makes full-size board makers
nervous.
The ADLGS45PC takes advantage of these features by delivering high
performance and low thermals in a compact form factor. The Intel®
graphics controller drives a CRT to 2048x1536 and/or 18/24/36/48 bit
LVDS LCD to 1600x1200 resolution. Memory is added via an SO-
DIMM204 socket that will accept up to 4GB of DDR3-1066 DRAM. In
addition to ACPI/APM functions, the ADLGS45PC has the following
features: 8x USB 2.0, 2x RS232/422/485 COM ports, PS/2 Keyboard
and Mouse, LPT, HD Audio, and 2x 10/100/1000Mbit LAN. The
ADLGS45PC also comes equipped with 4 SATA 3Gb/s ports with RAID
0/1/5/10 support.
ADL Embedded Solutions offers highly effective active and passive
thermal solutions designed for this product. Contact your sales repre-
sentative for more information.
Ordering Information
Item Codes
Part#
Description
ADLGS45PC-722
292422 PCI/104-Exp, Cel. M 1.20GHz ULV 1MB Cache
ADLGS45PC-SU9300
292439 PCI/104-Exp, SU9300 1.20GHz, 3MB Cache C2D
ADLGS45PC-SL9400
292449 PCI/104-Exp, SL9400 1.86GHz 6MB Cache C2D
ADLGS45PC-SP9300
292493 PCI/104-Exp, SP9300 2.26GHz 6MB Cache C2D
Cooling Options
ADLGS45PC-SPREADER
292406 .6” Heat Spreader
ADLGS45-1"
292410 1" Heat Spreader
ADLGS45PC-FANSINK
272413 Active Heat Sink Set ADLGS45PC
Standard DDR3-RAM
DDR3-DRAM1024-S
997025 GS45 DDR3 1GB 1066MHz 204pin
DDR3-DRAM2048-S
997125 GS45 DDR3 2GB 1066MHz 204pin
DDR3-DRAM4096-S
997345 DDR3 4GB 1066MHz 204pin
Ext. Temp. DDR3-RAM
DDR3-DRAM1024-EX
997027 GS45 DDR3 1GB 1066MHz 204pin, -40°C - +85°C
DDR3-DRAM2048-EX
997127 GS45 DDR3 2GB 1066MHz 204pin, -40°C - +85°C
DDR3-DRAM4096-EX
997347 DDR3 4GB 1066MHz 204pin, -40°C - +85°C
*More options may be available, please contact our Sales office *


Similar Part No. - ADLGS45PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC Datasheet
643Kb / 2P
PCI/104-Express
ADLGS45PC-722 ADL-ADLGS45PC-722 Datasheet
643Kb / 2P
PCI/104-Express
ADLGS45PC-CK ADL-ADLGS45PC-CK Datasheet
643Kb / 2P
PCI/104-Express
ADLGS45PC-FANSINK ADL-ADLGS45PC-FANSINK Datasheet
643Kb / 2P
PCI/104-Express
ADLGS45PC-SL9400 ADL-ADLGS45PC-SL9400 Datasheet
643Kb / 2P
PCI/104-Express
More results

Similar Description - ADLGS45PC

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PMB-531LF PROTECHSYSTEMS-PMB-531LF Datasheet
472Kb / 2P
Intel Core Duo / Celeron M Mini-ITX Motherboard w
PMB-532LF PROTECHSYSTEMS-PMB-532LF Datasheet
874Kb / 2P
Intel Core Duo / Celeron M Motherboard
logo
ADL Embedded Solutions
ADL945HD ADL-ADL945HD Datasheet
225Kb / 2P
Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
logo
AAEON Technology
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
GENE-9310 AAEON-GENE-9310 Datasheet
415Kb / 2P
3.5??SubCompact Board With Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
Intel Core 2 Duo/Celeron M processor
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
ADL Embedded Solutions
ADL945HD ADL-ADL945HD_15 Datasheet
559Kb / 2P
Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com