Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT111A Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT111A
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111A Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT111A Datasheet HTML 4Page - Active-Semi, Inc ACT111A Datasheet HTML 5Page - Active-Semi, Inc ACT111A Datasheet HTML 6Page - Active-Semi, Inc ACT111A Datasheet HTML 7Page - Active-Semi, Inc ACT111A Datasheet HTML 8Page - Active-Semi, Inc ACT111A Datasheet HTML 9Page - Active-Semi, Inc ACT111A Datasheet HTML 10Page - Active-Semi, Inc ACT111A Datasheet HTML 11Page - Active-Semi, Inc ACT111A Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ACT111A
Rev 2, 22-Oct-12
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
1
U1
IC, ACT111A
Active-Semi
2
C1
Capacitor Tantalum, 47µF/25V, E Case
AVX
3
C2
Capacitor, Ceramic, 0.01µF/50V, 0603
POE
4
C3
Capacitor, Ceramic, 100pF/25V, 0603
POE
5
C4
Capacitor Tantalum, 47µF/16V, D Case
AVX
6
D1 - D4
Diode Schottky, 40V/1A, SS14, SMA
PANJIT
7
D5
Schottky Barrier Rectifier, SR24, 40V/2.0A, SMB
PANJIT
8
ZD1
Diode Zener, GLZ13A, 13V, 0.5W, MINI-MELF
PANJIT
9
R1
Meter Film Resistor, 30kΩ, 0603, 5%
TY-OHM
10
R2
Meter Film Resistor, 0.28Ω, 1206, 1%
TY-OHM
11
R4
Meter Film Resistor, 510Ω, 1206, 5%
TY-OHM
12
L1
SMD Power Inductor, SR0604100ML, 10µH, ±20%
QianRu
Table 2:
Bill of Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com